Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2576L-XX-TN5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # P2576L-XX-TN5-R
Description  3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P2576L-XX-TN5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  P2576L-XX-TN5-R Datasheet HTML 1Page - Unisonic Technologies P2576L-XX-TN5-R Datasheet HTML 2Page - Unisonic Technologies P2576L-XX-TN5-R Datasheet HTML 3Page - Unisonic Technologies P2576L-XX-TN5-R Datasheet HTML 4Page - Unisonic Technologies P2576L-XX-TN5-R Datasheet HTML 5Page - Unisonic Technologies P2576L-XX-TN5-R Datasheet HTML 6Page - Unisonic Technologies P2576L-XX-TN5-R Datasheet HTML 7Page - Unisonic Technologies P2576L-XX-TN5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
P2576
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R101-025.F
PIN CONFIGURATION of SOP-8/HSOP-8
1
GND
FB
GND
GND
GND
2
3
4
5
6
7
8
VIN
VOUT
ON/OFF
PIN DESCRIPTIONS
PIN NO.
PIN NAME
PIN DESCRIPTION
1
VIN
Input voltage
2
VOUT
Output voltage
3
FB
Feed back.
4
OFF
/
ON
OFF
/
ON
select pin, when connected to the ground the chip in operating normally.
5,6,7,8
GND
Ground
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
TO-220B
TO-252-5
TO-263-5
50:5.0V
AD:ADJ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com