Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1162 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1162
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER WITH LOW DROPOUT REGULATOR CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1162 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1162 Datasheet HTML 1Page - Semtech Corporation SC1162 Datasheet HTML 2Page - Semtech Corporation SC1162 Datasheet HTML 3Page - Semtech Corporation SC1162 Datasheet HTML 4Page - Semtech Corporation SC1162 Datasheet HTML 5Page - Semtech Corporation SC1162 Datasheet HTML 6Page - Semtech Corporation SC1162 Datasheet HTML 7Page - Semtech Corporation SC1162 Datasheet HTML 8Page - Semtech Corporation SC1162 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PROGRAMMABLE SYNCHRONOUS DC/DC
CONVERTER WITH LOW DROPOUT
REGULATOR CONTROLLER
SC1162/3
© 1999 SEMTECH CORP.
October 25, 1999
652 MITCHELL ROAD NEWBURY PARK CA 91320
4
OUTPUT VOLTAGE
Unless specified: VCC = 5.00V; GND = PGND = 0V; VOSENSE = V
O; 0mV < (CSp-CSm) < 60mV; TA = 25
oC
PARAMETER
CONDITIONS
VID
43210
MIN
TYP
MAX
UNITS
Output Voltage
I
O = 2A in Application Circuit
01111
1.281
1.300
1.320
01110
1.330
1.350
1.370
01101
1.379
1.400
1.421
01100
1.428
1.450
1.472
01011
1.478
1.500
1.523
01010
1.527
1.550
1.573
01001
1.576
1.600
1.624
01000
1.625
1.650
1.675
00111
1.675
1.700
1.726
00110
1.724
1.750
1.776
00101
1.773
1.800
1.827
00100
1.822
1.850
1.878
00011
1.872
1.900
1.929
00010
1.921
1.950
1.979
00001
1.970
2.000
2.030
00000
2.019
2.050
2.081
11111
1.960
2.000
2.040
11110
2.058
2.100
2.142
11101
2.156
2.200
2.244
11100
2.254
2.300
2.346
11011
2.352
2.400
2.448
11010
2.450
2.500
2.550
11001
2.548
2.600
2.652
11000
2.646
2.700
2.754
10111
2.744
2.800
2.856
10110
2.842
2.900
2.958
10101
2.940
3.000
3.060
10100
3.038
3.100
3.162
10011
3.136
3.200
3.264
10010
3.234
3.300
3.366
10001
3.332
3.400
3.468
10000
3.430
3.500
3.570



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com