Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R070LD10 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # R070LD10
Description  VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R070LD10 Datasheet(HTML) 2 Page - Unisonic Technologies

  R070LD10 Datasheet HTML 1Page - Unisonic Technologies R070LD10 Datasheet HTML 2Page - Unisonic Technologies R070LD10 Datasheet HTML 3Page - Unisonic Technologies R070LD10 Datasheet HTML 4Page - Unisonic Technologies R070LD10 Datasheet HTML 5Page - Unisonic Technologies R070LD10 Datasheet HTML 6Page - Unisonic Technologies R070LD10 Datasheet HTML 7Page - Unisonic Technologies R070LD10 Datasheet HTML 8Page - Unisonic Technologies R070LD10 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
R070LD10
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R101-024.C
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
TO-252-4
18 :1.8V
25 :2.5V
50 :5.0V
AD :ADJ
12 3
Voltage Code
Date Code
L: Lead Free
G: Halogen Free
R070LD10
UTC
LOT Code
45
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO. PIN NAME
FUNCTION
1
VIN
DC input
2
VC
ON/OFF control
3
VOUT
DC output
4
VADJ/NC
Output voltage adjustment / No Connection
5
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com