Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2576L-XX-SH2-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # P2576L-XX-SH2-R
Description  3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P2576L-XX-SH2-R Datasheet(HTML) 6 Page - Unisonic Technologies

  P2576L-XX-SH2-R Datasheet HTML 1Page - Unisonic Technologies P2576L-XX-SH2-R Datasheet HTML 2Page - Unisonic Technologies P2576L-XX-SH2-R Datasheet HTML 3Page - Unisonic Technologies P2576L-XX-SH2-R Datasheet HTML 4Page - Unisonic Technologies P2576L-XX-SH2-R Datasheet HTML 5Page - Unisonic Technologies P2576L-XX-SH2-R Datasheet HTML 6Page - Unisonic Technologies P2576L-XX-SH2-R Datasheet HTML 7Page - Unisonic Technologies P2576L-XX-SH2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
P2576
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R101-025.F
TYPICAL TEST CIRCUIT
VIN
GND
CI
100μF
+
Feedback
Output
L1
VOUT
+
CO
680μF
MBR360
D1
100μH
LOAD
ON/OFF
P2576
VIN
Unregulated
DC Input
CI : 100μF, 75V
CO : 680μF, 25V
D1 : Schottky, MBR360
L1 : 100μH
R1 : 2K, 0.1%
R2 : 6.12K, 0.1%
VIN
UTC
P2576 - ADJ
R1
R2
Output
L1
COUT
680μF
VOUT=5.0 V
GND
ON/OFF
VIN
MBR360
D1
+
7V-40V
Unregulated
DC Input
CIN
100μF
LOAD
100μH
Feedback
Note:
)
R
R
(
V
V
REF
OUT
1
2
1
+
=
)
V
V
(
R
R
REF
OUT
1
1
2
−
=
(Where VREF=1.23V, R1 between 1k and 5k.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com