Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3515L-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # S3515L-S14-R
Description  PC POWER SUPPLY SUPERVISORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S3515L-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  S3515L-S14-R Datasheet HTML 1Page - Unisonic Technologies S3515L-S14-R Datasheet HTML 2Page - Unisonic Technologies S3515L-S14-R Datasheet HTML 3Page - Unisonic Technologies S3515L-S14-R Datasheet HTML 4Page - Unisonic Technologies S3515L-S14-R Datasheet HTML 5Page - Unisonic Technologies S3515L-S14-R Datasheet HTML 6Page - Unisonic Technologies S3515L-S14-R Datasheet HTML 7Page - Unisonic Technologies S3515L-S14-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
S3515
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-073,B
PC POWER SUPPLY
SUPERVISORS
DESCRIPTION
The UTC S3515 is specially designed for switching power supply
system. It provides over-voltage protection, over-current protection,
under-voltage protection, on/off control and power good signal generating.
OVP/UVP (Over/Under-Voltage Protection) monitors 3.3V, 5V and
double 12V to protect our power supply and PC, FPO goes to high when
one of these supply voltages exceeds their normal operation voltage
range.
OCP (Over Current Protection) monitors IS33, IS5, IS12 input
current. The voltage difference across external current shunt is used for
OCP functions. An external resistor which is connected between the RI
pin and the GND pin can be used to adjust protection threshold. To
achieve better immunity for lighting surge glitch and to prevent
accidental power shut down during dynamic loading condition, the
de-bounce time for UVP/OCP is 73us respectively. The deglitch time for
OVP is 73uS for better noise immunity.
The power supply is turned on after 38mS de-bounce time when
PSON signal is set from high to low. To turn off power supply, PSON
signal is set from low to high and the de-bounce time is 115mS. When
PGI input voltage level is lower than the internal 1.15V reference
voltage, after 73uS de-bounce time, the PGO signal is pulled low.
FEATURES
* Over/Under-Voltage Protection for 3.3V, 5V, and Two 12V
* Over-Current Protection for 3.3V, 5V, and Two 12V
* PGO and FPO pins with Open Drain Output Stage
* 300mS Power Good Delay from PGI to PGO
* 75mS Delay for 3.3V, 5V and 12V Power Turn on
* 2.8mS Delay for PSON Control to FPO Turn off
* 38mS / 115mS PSON on/off De-Bounce Time
* 73uS width Noise Deglitches
* 73uS De-Bounce Time for UVP and OCP
* Wide Supply Voltage Range
DIP-14
SOP-14
ORDERING INFORMATION
Ordering Number
Lead Free Plating
Halogen Free
Package
Packing
S3515L-D14-T
S3515G-D14-T
DIP-14
Tube
S3515L-S14-R
S3515G-S14-R
SOP-14
Tape Reel
S3515L-S14-T
S3515G-S14-T
SOP-14
Tube


Similar Part No. - S3515L-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
S3515L-S14-R UTC-S3515L-S14-R Datasheet
202Kb / 8P
PC POWER SUPPLY SUPERVISORS
S3515L-S14-R UTC-S3515L-S14-R Datasheet
202Kb / 8P
PC POWER SUPPLY SUPERVISORS
More results

Similar Description - S3515L-S14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
PC POWER SUPPLY SUPERVISORS
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
PC Power Supply Supervisors
logo
Texas Instruments
LP7510 TI-LP7510 Datasheet
2Mb / 12P
PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
PC Power Supply Supervisors
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
PC Power Supply Supervisors
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
PC Power Supply Supervisors
logo
Unisonic Technologies
S3525 UTC-S3525 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
PC POWER SUPPLY SUPERVISORS
logo
Unisonic Technologies
3510 UTC-3510_15 Datasheet
328Kb / 8P
PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com