Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # TL082
Description  GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL082 Datasheet(HTML) 5 Page - Unisonic Technologies

  TL082_09 Datasheet HTML 1Page - Unisonic Technologies TL082_09 Datasheet HTML 2Page - Unisonic Technologies TL082_09 Datasheet HTML 3Page - Unisonic Technologies TL082_09 Datasheet HTML 4Page - Unisonic Technologies TL082_09 Datasheet HTML 5Page - Unisonic Technologies TL082_09 Datasheet HTML 6Page - Unisonic Technologies TL082_09 Datasheet HTML 7Page - Unisonic Technologies TL082_09 Datasheet HTML 8Page - Unisonic Technologies TL082_09 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TL082
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R105-019,G
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current, No Load
ICC
Ta=25°C
3.6
5.6
mA
Channel Separation
(Av=100, Ta=25°C)
V01/V02
120
dB
Ta=25°C
10
40
60
mA
Output Short-Circuit Current
IOS
TMIN ≤Ta ≤TMAX
10
60
mA
Slew Rate (Ta=25°C)
SR
VIN=10V, RL=2kΩ
CL=100pF, unity gain
8
16
V/µs
Rise Time (Ta=25°C)
tR
VIN =20mV, RL=2kΩ
CL=100pF, unity gain
0.1
µs
Overshoot (Ta=25°C)
KOV
VIN=20mV, RL=2kΩ
CL=100pF, unity gain
10
%
Total Harmonic Distortion (Ta=25°C)
THD
AV=20dB, f=1kHz, RL=2kΩ,
CL=100pF, VOUT=2Vpp)
0.01
%
Phase Margin
Φm
45
Degrees
Equivalent Input Noise Voltage
(RS=100Ω, f=1KHz)
eN
15
nV
Hz
Note: The Input bias currents are junction leakage currents, which approximately double for every 10
°C increase in
the junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com