Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TL082-P08-R
Description  GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL082-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TL082-P08-R Datasheet HTML 1Page - Unisonic Technologies TL082-P08-R Datasheet HTML 2Page - Unisonic Technologies TL082-P08-R Datasheet HTML 3Page - Unisonic Technologies TL082-P08-R Datasheet HTML 4Page - Unisonic Technologies TL082-P08-R Datasheet HTML 5Page - Unisonic Technologies TL082-P08-R Datasheet HTML 6Page - Unisonic Technologies TL082-P08-R Datasheet HTML 7Page - Unisonic Technologies TL082-P08-R Datasheet HTML 8Page - Unisonic Technologies TL082-P08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TL082
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R105-019,G
GENERAL PURPOSE DUAL
J-FET OPERATIONAL
AMPLIFIER
DESCRIPTION
The UTC TL082 is a high speed J-FET input dual operational
amplifier. It incorporates well matched, high voltage J-FET and
bipolar transistors in a monolithic integrated circuit.
The device features high slew rates, low input bias and offset
current, and low offset voltage temperature coefficient.
FEATURES
* Low input bias and offset current
* Wide common-mode (up to VCC
+ ) and differential voltage range
* Output short-circuit protection
* High input impedance J-FET input stage
* Internal frequency compensation
* Latch up free operation
* High slewrate:16V/µs(typ.)
Lead-free:
TL082L
Halogen-free:TL082G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Halogen Free
Package
Packing
TL082-D08-T
TL082L-D08-T
TL082G-D08-T
DIP-8
Tube
TL082-P08-R
TL082L-P08-R
TL082G-P08-R
TSSOP-8
Tape Reel
TL082-S08-R
TL082L-S08-R
TL082G-S08-R
SOP-8
Tape Reel


Similar Part No. - TL082-P08-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL082-N TI1-TL082-N Datasheet
1Mb / 16P
TL082 Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-N TI1-TL082-N Datasheet
1Mb / 23P
Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-N TI1-TL082-N_13 Datasheet
1Mb / 23P
Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-Q1 TI1-TL082-Q1 Datasheet
345Kb / 15P
JFET-INPUT OPERATIONAL AMPLIFIER
TL082-Q1 TI-TL082-Q1 Datasheet
4Mb / 66P
TL08xx FET-Input Operational Amplifiers
More results

Similar Description - TL082-P08-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081 Datasheet
91Kb / 9P
GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
Dec-1998
TL082 STMICROELECTRONICS-TL082 Datasheet
108Kb / 11P
GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
Mar-2002
logo
Unisonic Technologies
TL082 UTC-TL082 Datasheet
465Kb / 9P
GENERAL PURPOSE DUAL J-FET OPERATION AMPLIFIER
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081_07 Datasheet
321Kb / 14P
GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
27-Jul-2007
TL082 STMICROELECTRONICS-TL082_07 Datasheet
322Kb / 17P
GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
06-Mar-2007
logo
Unisonic Technologies
TL082 UTC-TL082_15 Datasheet
334Kb / 7P
GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
TL082 UTC-TL082_18 Datasheet
241Kb / 7P
GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
logo
Guangdong Youtai Semico...
TL072 UMW-TL072 Datasheet
706Kb / 6P
General J-FET input dual operational amplifier
TL082 UMW-TL082 Datasheet
904Kb / 8P
General J-FET input dual operational amplifier
TL084 UMW-TL084 Datasheet
599Kb / 4P
General J-FET quad operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com