Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLPC0601A2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLPC0601A2
Description  High Brightness LED Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLPC0601A2 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLPC0601A2 Datasheet HTML 1Page - Vishay Siliconix VLPC0601A2 Datasheet HTML 2Page - Vishay Siliconix VLPC0601A2 Datasheet HTML 3Page - Vishay Siliconix VLPC0601A2 Datasheet HTML 4Page - Vishay Siliconix VLPC0601A2 Datasheet HTML 5Page - Vishay Siliconix VLPC0601A2 Datasheet HTML 6Page - Vishay Siliconix VLPC0601A2 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 83382
For technical questions, contact: LED@vishay.com
www.vishay.com
Rev. 1.2, 13-Apr-11
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VLPC0601A2, VLPC1201A2, VLPC1201A2J
High Brightness LED Power Module Vishay Semiconductors
COLOR RANGE AND COLOR BINNING
VLPC0601A2; VLPC1201A2: 5000 K to 7000 K group 6P to 7R
Fig. 1 - Chromaticity Coordinates of Colorgroups
CHROMATICITY COORDINATED GROUPS FOR COOL WHITE SMD LED
GROUP
X
Y
GROUP
X
Y
GROUP
X
Y
6P
0.309
0.302
6Q
0.307
0.311
6R
0.305
0.322
0.307
0.311
0.305
0.322
0.304
0.329
0.317
0.331
0.317
0.346
0.317
0.356
0.317
0.318
0.317
0.331
0.317
0.346
7P
0.317
0.318
7Q
0.317
0.331
7R
0.317
0.356
0.317
0.331
0.317
0.356
0.322
0.365
0.334
0.365
0.334
0.365
0.330
0.373
0.338
0.360
0.317
0.331
0.334
0.365
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.3
0.31
0.32
0.33
0.34
7R
7Q
7P
6R
6Q
6P
22138
x - Coordinate
Black body curve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com