Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1186 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1186
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1186 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1186 Datasheet HTML 1Page - Semtech Corporation SC1186 Datasheet HTML 2Page - Semtech Corporation SC1186 Datasheet HTML 3Page - Semtech Corporation SC1186 Datasheet HTML 4Page - Semtech Corporation SC1186 Datasheet HTML 5Page - Semtech Corporation SC1186 Datasheet HTML 6Page - Semtech Corporation SC1186 Datasheet HTML 7Page - Semtech Corporation SC1186 Datasheet HTML 8Page - Semtech Corporation SC1186 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PROGRAMMABLE SYNCHRONOUS DC/DC
CONVERTER, DUAL LOW DROPOUT
REGULATOR CONTROLLER
© 1999 SEMTECH CORP.
PRELIMINARY - December 2, 1999
652 MITCHELL ROAD NEWBURY PARK CA 91320
SC1186
4
OUTPUT VOLTAGE
Unless specified: 4.75V < VCC < 5.25V; GND = PGND = 0V; VOSENSE = V
O; 0mV < (CS+-CS-) < 60mV;
= 0°C < T
j < 85°C
Standard
PARAMETER
VID
43210
MIN
TYP
MAX
UNITS
Output Voltage
01111
1.277
1.300
1.323
V
01110
1.326
1.350
1.374
01101
1.375
1.400
1.425
01100
1.424
1.450
1.476
01011
1.478
1.500
1.523
01010
1.527
1.550
1.573
01001
1.576
1.600
1.624
01000
1.625
1.650
1.675
00111
1.675
1.700
1.726
00110
1.724
1.750
1.776
00101
1.782
1.800
1.818
00100
1.832
1.850
1.869
00011
1.881
1.900
1.919
00010
1.931
1.950
1.970
00001
1.980
2.000
2.020
00000
2.030
2.050
2.071
11111
1.970
2.000
2.030
11110
2.069
2.100
2.132
11101
2.167
2.200
2.233
11100
2.266
2.300
2.335
11011
2.364
2.400
2.436
11010
2.463
2.500
2.538
11001
2.561
2.600
2.639
11000
2.660
2.700
2.741
10111
2.758
2.800
2.842
10110
2.842
2.900
2.958
10101
2.940
3.000
3.060
10100
3.038
3.100
3.162
10011
3.136
3.200
3.264
10010
3.234
3.300
3.366
10001
3.332
3.400
3.468
10000
3.430
3.500
3.570



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com