Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1205CS Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1205CS
Description  HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1205CS Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1205CS Datasheet HTML 4Page - Semtech Corporation SC1205CS Datasheet HTML 5Page - Semtech Corporation SC1205CS Datasheet HTML 6Page - Semtech Corporation SC1205CS Datasheet HTML 7Page - Semtech Corporation SC1205CS Datasheet HTML 8Page - Semtech Corporation SC1205CS Datasheet HTML 9Page - Semtech Corporation SC1205CS Datasheet HTML 10Page - Semtech Corporation SC1205CS Datasheet HTML 11Page - Semtech Corporation SC1205CS Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SC1205
HIGH SPEED SYNCHRONOUS POWER
MOSFET DRIVER
© 1999 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRELIMINARY - December 7, 1999
10
can often eliminate the EMI issue. If double pulsing is
caused due to excessive ringing, placing 4.7-10 ohm
resistor between the phase node and the DRN pin of
the SC1205 should eliminate the double pulsing.
Proper layout will guarantee minimum ringing and
eliminate the need for external components. Use of
SO-8 or other surface mount MOSFETs while increas-
ing thermal resistance, will reduce lead inductance as
well as radiated EMI.
OVER TEMP SHUTDOWN
The SC1205 will shutdown by pulling both driver if its
junction temperature, Tj, exceeds 165 °C.
While not shown in Figure 3, a capacitor may be
added from the gate of the Bottom FET to its source,
preferably less than .1” away. This capacitor will be
added to Ciss in the above equation to reduce the ef-
fective spike voltage, Vspike.
The selection of the bottom MOSFET must be done
with attention paid to the Crss/Ciss ratio. A low ratio
reduces the Miller feedback and thus reduces Vspike.
Also MOSFETs with higher Turn-on threshold voltages
will conduct at a higher voltage and will not turn on
during the spike. The MOSFET shown in the
schematic (figure 3) has a 2 volt threshold and will re-
quire approximately 4.5 volts Vgs to be conducting,
thus reducing the possibility of shoot-through. A zero
ohm bottom FET gate resistor will obviously help
keeping the gate voltage low.
Ultimately, slowing down the top FET by adding gate
resistance will reduce di/dt which will in turn make the
effective impedance of the capacitors higher, thus al-
lowing the BG driver to hold the bottom gate voltage
low. It does this at the expense of increased switching
times ( and switching losses) for the top FET.
RINGING ON THE PHASE NODE
The top MOSFET source must be close to the bottom
MOSFET drain to prevent ringing and the possibility of
the phase node going negative.
This frequency is
determined by:
F
ring =1/(2¶* Sqrt(Lst*Coss))
Where:
L
st = The effective stray inductance of the top FET
added to trace inductance of the connection between
top FET’s source and the bottom FET’s drain added to
the trace resistance of the bottom FET’s ground con-
nection.
Coss=Drain to source capacitance of bottom FET. If
there is a Shottkey used, the capacitance of the Shot-
tkey is added to the value.
Although this ringing does not pose any power losses
due to a fairly high Q, it could cause the phase node
to go too far negative, thus causing improper opera-
tion, double pulsing or at worst driver damage. On the
SC1205, the drain node, DRN, can go as far as 2V
below ground without affecting operation or sustaining
damage.
The ringing is also an EMI nuisance due to its high
resonant frequency. Adding a capacitor, typically
1000-2000pf, in parallel with Coss of the bottom FET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com