Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8FS040ASB20EG Datasheet(PDF) 44 Page - Zilog, Inc.

Part # Z8FS040ASB20EG
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040ASB20EG Datasheet(HTML) 44 Page - Zilog, Inc.

Back Button Z8FS040ASB20EG Datasheet HTML 40Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 41Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 42Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 43Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 44Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 45Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 46Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 47Page - Zilog, Inc. Z8FS040ASB20EG Datasheet HTML 48Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
39
Position 13 – Environmental
‘G’ = RoHS Compliant
PIR Sensor Information:
Manufacturer
Part Number
Description
Nicera
RE200B-P
Basic Dual Element
Nicera
SDA02-54-P
Premium Dual Element
Nicera
SBDI46-504AA
Quad Element
Refer to Product Specification PS0286 for details on the Lens and Pyroelectric sensors.
Ordering Example:
Part Number: ZMOT0BSB0A0BG
For more information on ordering, please consult your local Zilog sales office. The Zilog website
(www.zilog.com) lists all regional offices and provides additional product information.
G
B
0
A
0
B
S
B
0
T
O
M
Z
Example
G
PIR
Lens
IC
PKG
IC
T
O
M
Z
Field
13
12
11
10
9
8
7
6
5
4
3
2
1
Pos #:
RoHS
PIR Sensor (SDA02-54-P)
Lens (AA 0.9 GI T1)
IC Package (8 Pin, SOIC)
IC (Occupancy, S/W Version 2.00)
ZMotion Product Family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com