Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1406 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1406
Description  PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1406 Datasheet HTML 1Page - Semtech Corporation SC1406 Datasheet HTML 2Page - Semtech Corporation SC1406 Datasheet HTML 3Page - Semtech Corporation SC1406 Datasheet HTML 4Page - Semtech Corporation SC1406 Datasheet HTML 5Page - Semtech Corporation SC1406 Datasheet HTML 6Page - Semtech Corporation SC1406 Datasheet HTML 7Page - Semtech Corporation SC1406 Datasheet HTML 8Page - Semtech Corporation SC1406 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SC1406
© 1999 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
PORTABLE PENTIUM
® II & III
POWER SUPPLY CONTROLLER
PRELIMINARY - August 27, 1999
2
Pentium is a registered trademark of Intel Corporation
PIN DESCRIPTION:
Pin
Pin Name
Pin Function
1
HYS
Core comparator hysteresis settling.
2
CLSET
Current limit setting pin.
3
VCOUT
Voltage clamp output.
4
VCIN
Voltage clamp input.
5
VCBYP
Voltage clamp bypass pin.
6
VID4
VID most significant bit input.
7
VID3
VID input
8
VID2
VID input
9
VID1
VID input
10
VID0
VID least significant bit input.
11
BASE25
2.5V Linear regulator drive.
12
FB25
2.5V Linear regulator output feedback.
13
BASE15
1.5V Linear regulator drive.
14
FB15
1.5V Linear regulator output feedback.
15
EN
Enables the IC when high. This is capable of accepting 5.0V signal level.
16
PWRGD
When the main converter output is within +10% of the VID DAC setting, this signal is
driven high to VCC level. Internal pull-down 100K.
17
LBIN
Low battery input. This pin is used to set the minimum voltage to the converter.
When the input to this pin is less than 1.225V, the converter is held in an Under-Voltage-
Lock-Out mode regardless of the status of EN.
18
SSLR
Linear regulators soft start. During power-up, the external soft-start capacitor (1200pF,
typ) is charged by an internal 1µA current source to set the ramp up time of the linear
regulator outputs, 1.5V and 2.5V. This ramp up time is typically 2ms, 6ms max. This is
discharged when BIASEN (internal signal) is low.
19
SSCORE
Main controller output soft start. During power-up, the external Soft-Start capacitor
(1800pF, typ) is charged by an internal 1µA current source to set the ramp up time of the
main converter output. This ramp up time is typically 3ms, 6ms max. This is discharged
when BIASEN is low. Core soft start current tolerance tracks the LDO soft start current to
within 10%.
20
CORE
Converter output feedback.
21
DAC
VID digital to analog output.
22
GND
Ground
23
CO
Comparator output. Main regulator controller output. Internal pull-down 100K.
24
VCC
Supply voltage.
25
CMP
Core comparator input pin.
26
CMPREF
Core comparator reference input pin.
27
CL
Current limit input pin.
28
CLREF
Current limit reference input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com