Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1406A Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC1406A
Description  PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406A Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC1406A Datasheet HTML 9Page - Semtech Corporation SC1406A Datasheet HTML 10Page - Semtech Corporation SC1406A Datasheet HTML 11Page - Semtech Corporation SC1406A Datasheet HTML 12Page - Semtech Corporation SC1406A Datasheet HTML 13Page - Semtech Corporation SC1406A Datasheet HTML 14Page - Semtech Corporation SC1406A Datasheet HTML 15Page - Semtech Corporation SC1406A Datasheet HTML 16Page - Semtech Corporation SC1406A Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
SC1406A
© 2000 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
PORTABLE PENTIUM
® II & III
POWER SUPPLY CONTROLLER
January 28, 2000
13
Pentium is a registered trademark of Intel Corporation
Output Ripple Voltage @ V
IN = 6.0V
V
OUT = 1.6V, IOUT = 2.0A
V
OUT = 1.6V, IOUT = 12.0A
Output Ripple Voltage @ V
IN = 18V
V
OUT = 1.6V, IOUT = 2.0A
V
OUT = 1.6V, IOUT = 12.0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com