Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1406G Datasheet(PDF) 26 Page - Semtech Corporation

Part # SC1406G
Description  Power Supply Controller for Portable Pentium II & III SpeedStep Processors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406G Datasheet(HTML) 26 Page - Semtech Corporation

Back Button SC1406G Datasheet HTML 20Page - Semtech Corporation SC1406G Datasheet HTML 21Page - Semtech Corporation SC1406G Datasheet HTML 22Page - Semtech Corporation SC1406G Datasheet HTML 23Page - Semtech Corporation SC1406G Datasheet HTML 24Page - Semtech Corporation SC1406G Datasheet HTML 25Page - Semtech Corporation SC1406G Datasheet HTML 26Page - Semtech Corporation SC1406G Datasheet HTML 27Page - Semtech Corporation SC1406G Datasheet HTML 28Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
ã 2000 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1406G
0
50
100
150
200
250
300
020
40
60
80
100
Temperaure, ’C
42.5k +10mV
42.5k -10mV
20k +10mV
20k -10mV
Current Limit Threshold vs Temperature
0
20
40
60
80
100
120
0
20406080
100
Temperature, ’C
17k(+10mV)
17k(-10mV)
170k(+10mV)
170k(-10mV)
Hysteresis Setting Current vs Temperature
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
2040
6080
100
Temperature, ’C
Vout @ 1.675V
Vout @ 1.350V
Vout @ 0.900V
DAC Output vs Temperature
80
90
100
110
120
0
20
40
60
80
100
Temperature ’C
VhCore
VLCore
Power Good Threshold vs Temperature
150
200
250
300
350
400
34
56
Voltage, V
100’C
20’C
0’C
Supply Current vs V
IN, Temperature @ UVLO mode
1
2
3
4
5
6
7
8
34
56
Voltage, V
Operating @100’C
Operating @ 20’C
Operating @ 0’C
Supply Current vs V
IN. Temperature @ Operating mode
Figure 24
Figure 25
Figure 26
Figure 27
Figure 28
Figure 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com