Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG9435 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG9435
Description  P-Ch Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG9435 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG9435 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG9435 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG9435 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG9435 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG9435 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Elektronische Bauelemente
SSG9435
P-Ch Enhancement Mode Power MOSFET
-5.3 A, -30 V, RDS(ON) 55 mΩ
10-Aug-2010 Rev. C
Page 2 of 5
P-CHANNEL ELECTRICAL CHARACTERISTICS (Tj = 25°C unless otherwise specified)
Parameter
Symbol Min.
Typ. Max. Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0, ID=-250uA
Breakdown Voltage Temp. Coefficient
△
BVDSS/△
Tj
-
-0.037
-
V/℃ Reference to 25℃, ID=-1mA
Gate Threshold Voltage
VGS(th)
-1.0
-
-3.0
V
VDS=VGS, ID=-250uA
Forward Transconductance
gfs
-
10
-
S
VDS=-10V, ID=-5.3A
Gate-Source Leakage Current
IGSS
-
-
±100
nA VGS= ±16V
Drain-Source Leakage Current(Tj=25℃)
-
-
-1
uA VDS=-30V, VGS=0
Drain-Source Leakage Current(Tj=70℃)
IDSS
-
-
-5
uA VDS=-24V, VGS=0
-
-
55
VGS=-10V, ID=-5.3A
Static Drain-Source On-Resistance
RDS(ON)
-
-
90
mΩ
VGS=-4.5 V, ID=-4.2 A
Total Gate Charge2
Qg
-
28
-
Gate-Source Charge
Qgs
-
3
-
Gate-Drain (“Miller”) Change
Qgd
-
7
-
nC
ID=-5.3 A
VDS=-15 V
VGS=-10 V
Turn-on Delay Time2
Td(on)
-
9
-
Rise Time
Tr
-
15
-
Turn-off Delay Time
Td(off)
-
75
-
Fall Time
Tf
-
40
-
ns
VDS=-15 V
ID=-1 A
VGS=-10 V
RG=6 Ω
RD=15 Ω
Input Capacitance
Ciss
-
745
-
Output Capacitance
Coss
-
440
-
Reverse Transfer Capacitance
Crss
-
120
-
pF
VGS=0 V
VDS=-15 V
f=1.0 MHz
SOURCE-DRAIN DIODE
Parameter
Symbol Min.
Typ. Max. Unit
Test Conditions
Forward On Voltage2
VSD
-
-0.75
-1.2
V
IS=-2.6A, VGS=0 V, TJ=25°C
Continuous Source Current (Body Diode)
IS
-
-
-2.6
A
Pulsed Source Current (Body Diode)1
ISM
-
-
-20
A
VD = VG = 0V,
VS = -1.2 V
Notes:
1. Pulse width limited by Max. junction temperature.
2. Pulse width≦300us, duty cycle≦2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com