Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1454XIMSTR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1454XIMSTR
Description  Dual 150mA Ultra Low Dropout, Low Noise Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1454XIMSTR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1454XIMSTR Datasheet HTML 6Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 7Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 8Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 9Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 10Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 11Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 12Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 13Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
ã 2000 Semtech Corp.
www.semtech.com
SC1454
POWER MANAGEMENT
Typical Characteristics (Cont.)
Output Spectral Noise Density vs. Frequency
vs. Output Capacitance
Evaluation Board Schematic
R2
1
3
2
R4
JP4
OUTA SET
1
2
3
+
C5
220uF
C3
C4
C2
C1
JP5
OUTB LOAD
1
2
3
JP6
OUTA LOAD
1
2
3
J15
GND
J14
GND
J13
GND
J12
GND
J11
GND
J10
GND
U1
SC1454xIMS
1
2
3
4
5
7
6
8
OUTA
OUTB
GND
SETA
ENB
ENA
BYP
IN
J9
OUTA LOAD DRV
J8
OUTB LOAD DRV
JP3
IQ MON
1
2
JP1
OUTA ENABLE
1
2
3
J1
ENA
JP2
OUTB ENABLE
1
2
3
J3
VIN
J2
ENB
J4
RIPPLE A
1 234 5
J5
RIPPLE B
1 234 5
R1
R3
J7
OUTB
J6
OUTA
R6
R5
U3
Si4410
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
U2
Si4410
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
EN
EN
OFF
OFF
INT
EXT
ON
ON
OFF
OFF
1
10
100
1000
10000
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
f (Hz)
COUT = 2.2µF
COUT = 10µF
VIN = 2.8V
VOUT = 1.8V
IOUT = 50mA
CIN = 1µF
CBYP = 10nF
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com