Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST3585 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SST3585
Description  N And P-Channel Enhancement Mode Power Mos.FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SST3585 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SST3585 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SST3585 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SST3585 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SST3585 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SST3585 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SST3585 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SST3585 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Elektronische Bauelemente
SST3585
3.5A, 20V,RDS(ON)75m
N And P-Channel Enhancement Mode Power Mos.FET
-2.5 A, -20V,RDS(ON)160mΩ
Description
The SST3585 provide the designer with best combination of fast
switching,low on-resistance and cost effectiveness.
* Low On-resistance
Features
* RoHS Compliant
* Low Gate Charge
The SOT-26 package is universally used for all commercial-industrial
surface mount applications.
15-Jun-2010 Rev. C
Page 1 of 7
T
otal Power Dissipation
Li
near Derating Factor
O
perating Junction and Storage Temperature Range
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
Continuous Drain Current
Pulsed Drain Current
Parameter
Symbol
Ratings
Unit
Thermal Data
Parameter
Symbo
Ratings
Unit
Thermal Resistance Junction-ambient
A
V
V
A
A
ID@TA=70
/W
C
W/ C
C
W
VDS
VGS
ID@TA=25
IDM
PD@TA=25
Tj, Tstg
Rthj-a
20
±12
10
3.5
2.8
1.14
0.01
-55~+150
110
-20
±12
-10
-2.5
-1.97
3
3
1
o
o
o
C
o
C
o
3
Max.
Ω
Absolute Maximum Ratings
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
G1
S2
G2
D1
S1
D2
3 5 8 5
Date Code
1
5
2
3
4
6
D1
G1
G2
S1
D2
S2
Dimensions in millimeters
2.60
3.00
0.30
0.55
2.70
3.10
0
0.10 Max
0.7
1.45
1.40
1.80
0.45 REF
o
10
o
SOT-26
0.95REF
0.95REF
1.90REF
1.2 REF
0.60 REF


Similar Part No. - SST3585

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SST3585 SECOS-SST3585 Datasheet
622Kb / 7P
N And P-Channel Enhancement Mode Power Mos.FET
SST3585 SECOS-SST3585 Datasheet
654Kb / 7P
3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
SST3585S SECOS-SST3585S Datasheet
655Kb / 7P
N And P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
SST3585S VBSEMI-SST3585S Datasheet
612Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SST3585S SECOS-SST3585S_15 Datasheet
655Kb / 7P
N And P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SST3585

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SID3403 SECOS-SID3403 Datasheet
781Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SST3585 SECOS-SST3585 Datasheet
622Kb / 7P
N And P-Channel Enhancement Mode Power Mos.FET
STT3585 SECOS-STT3585 Datasheet
805Kb / 7P
N And P-Channel Enhancement Mode Power Mos.FET
STT6601 SECOS-STT6601 Datasheet
489Kb / 6P
N & P-Channel Enhancement Mode Mos.FET
SMS0610 SECOS-SMS0610 Datasheet
279Kb / 5P
P-Channel Enhancement Mode Power Mos.FET
STT3520C SECOS-STT3520C Datasheet
591Kb / 7P
N & P-Channel Enhancement Mode Mos.FET
STT3599C SECOS-STT3599C Datasheet
327Kb / 7P
N & P-Channel Enhancement Mode Mos.FET
STT3524C SECOS-STT3524C Datasheet
92Kb / 2P
N & P-Channel Enhancement Mode Mos.FET
STT3524C SECOS-STT3524C_15 Datasheet
92Kb / 2P
N & P-Channel Enhancement Mode Mos.FET
STT3599C SECOS-STT3599C_15 Datasheet
327Kb / 7P
N & P-Channel Enhancement Mode Mos.FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com