Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1460 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1460
Description  5mA CAPLESSTM CHARGE PUMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1460 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1460 Datasheet HTML 1Page - Semtech Corporation SC1460 Datasheet HTML 2Page - Semtech Corporation SC1460 Datasheet HTML 3Page - Semtech Corporation SC1460 Datasheet HTML 4Page - Semtech Corporation SC1460 Datasheet HTML 5Page - Semtech Corporation SC1460 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SC1460
© 1999 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
5mA CAPLESS
TM CHARGE PUMP
PRELIMINARY - July 6, 1999
2
ELECTRICAL CHARACTERISTICS
Unless specified: VIN = 3.3V (-5.0 parts), VIN = 2.5V (-3.3 parts), 0
≤ I
O ≤ 4mA, CIN = 0.22uF, COUT = 47nF, TA = 25°C. Values in bold apply
over full operating temperature range
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Input Supply Voltage
VIN
2.25
3.63
V
Input Supply Current
I
IN
I
O = 0mA VIN = 2.5 V
100
150
µA
Output Voltage
VO
SC1460CSK - 3.3, VIN = 2.5V
-4
1.32 x VIN
4
%
SC1460CSK - 5.0, VIN = 3.3V
4
1.515 X VIN
4
%
Output Ripple (pk-pk)
V
R
I
O = 4mA, COUT = 47nF
50
mV
Output Current
I
O
45
mA
Efficiency
η
I
O = 4mA
50
56
%
Oscillator Frequency
OSC
SC1460CSK - 3.3, VIN = 2.5V
8
MHz
SC1460CSK - 5.0, VIN = 3.3V
8.75
Time to Regulation at
Turn-On
t
ON
Power Up with I
O = 4mA
100
µs
APPLICATION CIRCUIT
VIN
VO
U1 SC1460
1
2
3
GND
VO
VIN
Cin
0.22uF
Cout
47nF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com