Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1531 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1531
Description  200mA & 250mA SmartLDOs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1531 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1531 Datasheet HTML 1Page - Semtech Corporation SC1531 Datasheet HTML 2Page - Semtech Corporation SC1531 Datasheet HTML 3Page - Semtech Corporation SC1531 Datasheet HTML 4Page - Semtech Corporation SC1531 Datasheet HTML 5Page - Semtech Corporation SC1531 Datasheet HTML 6Page - Semtech Corporation SC1531 Datasheet HTML 7Page - Semtech Corporation SC1531 Datasheet HTML 8Page - Semtech Corporation SC1531 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ã 2000 Semtech Corp.
www.semtech.com
SC1531(A)
POWER MANAGEMENT
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
ti
n
U
N
I
V
e
g
a
tl
o
V
y
l
p
p
u
SN
I
VV
0
=
X
U
A
V
3
.
4
0
.
5
5
.
5
V
t
n
e
rr
u
C
t
n
e
c
s
e
i
u
QI
Q
I
,
V
0
=
X
U
A
V
,
V
5
=
N
I
V
O
A
m
0
=0
.
70
.
0
1A
m
0
.
1
1
I
,
V
3
.
3
=
X
U
A
V
,
V
5
=
N
I
V
O
A
m
0
=5
.
70
.
0
1A
m
0
.
2
1
X
U
A
V
m
o
r
F
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
N
I
V
I
,
V
0
=
N
I
V
,
V
6
.
3
=
X
U
A
V
O
A
m
0
=0
.
10
1A
µ
0
2
X
U
A
V
e
g
a
tl
o
V
y
l
p
p
u
SX
U
A
V
0
.
3
3
.
3
6
.
3
V
t
n
e
rr
u
C
t
n
e
c
s
e
i
u
QI
)
X
U
A
(
Q
I
,
V
0
=
N
I
V
,
V
3
.
3
=
X
U
A
V
O
A
m
0
=8
.
05
.
1A
m
0
.
2
I
,
V
5
=
N
I
V
,
V
3
.
3
=
X
U
A
V
O
A
m
0
=6
.
00
.
1A
m
0
.
2
N
I
V
m
o
r
F
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
X
U
A
V
I
,
V
0
=
X
U
A
V
,
V
5
.
5
=
N
I
V
O
A
m
0
=7
0
5A
µ
0
0
1
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Sm
u
m
i
x
a
Ms
ti
n
U
e
g
a
tl
o
V
y
l
p
p
u
S
t
u
p
n
I
N
I
V7
+
o
t
5
.
0
-V
e
g
a
tl
o
V
y
l
p
p
u
S
y
r
a
il
i
x
u
A
X
U
A
V7
+
o
t
5
.
0
-V
)
1
3
5
1
C
S
(
t
n
e
rr
u
C
t
u
p
t
u
O
O
D
L
I
O
0
0
2A
m
)
A
1
3
5
1
C
S
(
t
n
e
rr
u
C
t
u
p
t
u
O
O
D
L
I
O
0
5
2A
m
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
q
A
J
0
3
1W
/
C
°
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
q
C
J
7
4W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
O
T
A
0
7
+
o
t
5
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
T
J
5
2
1
+
o
t
5
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
0
5
1
+
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
L
T
D
A
E
L
0
0
3C
°
g
n
it
a
R
D
S
E
V
D
S
E
2V
k
Unless specified: T
A = 25°C, VIN = 5V, VAUX = 3.3V, IO = max. rated, CO = 4.7µF. Values in bold apply over full operating temperature range.
Absolute Maximum Rating
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com