Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1532CS Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1532CS
Description  400mA SmartLDOTM with Internal Pass MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1532CS Datasheet(HTML) 6 Page - Semtech Corporation

  SC1532CS Datasheet HTML 1Page - Semtech Corporation SC1532CS Datasheet HTML 2Page - Semtech Corporation SC1532CS Datasheet HTML 3Page - Semtech Corporation SC1532CS Datasheet HTML 4Page - Semtech Corporation SC1532CS Datasheet HTML 5Page - Semtech Corporation SC1532CS Datasheet HTML 6Page - Semtech Corporation SC1532CS Datasheet HTML 7Page - Semtech Corporation SC1532CS Datasheet HTML 8Page - Semtech Corporation SC1532CS Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
400mA SmartLDO
TM with Internal Pass
MOSFET
SC1532
January 3, 2000
6
0
50
100
150
200
250
300
350
400
450
500
-25
0
25
50
75
100
125
TJ (°C)
VIN1 = 0V
VIN2 = 3.3V
IO = 400mA
TYPICAL CHARACTERISTICS (Cont.)
VIN2 Pass Device On Resistance vs.
Junction Temperature
3.90
3.95
4.00
4.05
4.10
4.15
4.20
4.25
4.30
-25
0
25
50
75
100
125
TJ (°C)
VIN2 = 3.3V
IO = 20mA
VTH(HI)
VTH(LO)
5V Detect Threshold Voltage vs.
Junction Temperature
VO
(MIN) With VIN1 Rising
(1)(2)
Trace 1: VO, offset 3.3V, 100mV/div.
Trace 2: VIN1 rising through V
TH(HI), 2V/div.
VO
(MIN) = 3.11V
VO
(MIN) With VIN1 Falling
(1)(2)
Trace 1: VO, offset 3.3V, 100mV/div.
Trace 2: VIN1 falling through V
TH(LO), 2V/div.
VO
(MIN) = 3.05V
NOTES:
(1) In Application Circuit on page 1.
(2) R
L = 8.2Ω.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com