Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1538 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1538
Description  DUAL LINEAR CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1538 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1538 Datasheet HTML 1Page - Semtech Corporation SC1538 Datasheet HTML 2Page - Semtech Corporation SC1538 Datasheet HTML 3Page - Semtech Corporation SC1538 Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 1999 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
DUAL LINEAR CONTROLLER
SC1538
PRELIMINARY - October 5, 1999
2
PIN DESCRIPTION
Pin
Pin Name
Pin Function
1
DRV1
Output of regulator #1. Drives the gate of an N-channel MOSFET to maintain 1.818V/
2.525V.
2
SNS1
Regulator #1 Sense input. Use as a remote sense to the source of the N-channel MOSFET
(Output 1).
3
EN1
Active high enable control with internal pullup. Output of regulator #1 turns off when EN1 is
taken low.
4
GND
Ground
5
EN2
Active high enable control with internal pullup. Output of regulator #2 turns off when EN2 is
taken low.
6
SNS2
Regulator #2 Sense input. Use as a remote sense to the source of the N-channel MOSFET
(Output 2).
7
DRV2
Output of regulator #2. Drives the gate of an N-channel MOSFET to maintain 1.515V/
2.525V.
8
VIN
+12V Supply.
APPLICATION CIRCUIT
1.818V / 2.525V OUT
1.818V / 2.525V ENABLE
3.3V IN
12V IN
1.515V / 2.525V OUT
1.818V / 2.525V ENABLE
Q1
PHB11N06LT
Q2
PHB11N06LT
U1
SC1538
1
2
3
4
5
6
7
8
DRV1
SNS1
EN1
GND
EN2
SNS2
DRV2
VIN
C1
100uF
C2
100uF
C3
100uF
C4
100uF
C5
100uF
C6
100uF
C7
0.1uF
R1
10k
R2
10k



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com