Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1543 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1543
Description  400mA/200mA Dual 3.3V Smart Power Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1543 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1543 Datasheet HTML 1Page - Semtech Corporation SC1543 Datasheet HTML 2Page - Semtech Corporation SC1543 Datasheet HTML 3Page - Semtech Corporation SC1543 Datasheet HTML 4Page - Semtech Corporation SC1543 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
400mA/200mA Dual 3.3V Smart
Power Switch
SC1543
PRELIMINARY - October 9, 2000
2
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Input Supply Voltage
VIN1,2
-0.5 to +6
V
Output Current From:
VIN1
VIN2
I
O
400
200
mA
Operating Ambient Temperature Range
T
A
-40 to +85
°C
Operating Junction Temperature Range
T
J
-40 to +125
°C
Storage Temperature Range
T
STG
-65 to +150
°C
Lead Temperature (Soldering, 10 Sec.)
T
LEAD
300
°C
Thermal Impedance Junction to Ambient
θ
JA
206
°C/W
ELECTRICAL CHARACTERISTICS
(1)
Unless specified, T
A = 25°C, SHDN = 0V, CO = 10µF, IO = 400mA (when power is being supplied from VIN1, 200mA when power is being sup-
plied from VIN2). Values in bold apply over full operating temperature range.
Parameter
Symbol
Conditions
Min
Typ
Max Units
VIN1
Supply Voltage
VIN1
3.0
3.3
3.6
V
Quiescent Current
I
Q1
VIN1 > VIN2, I
O = 0mA
150
300
µA
VIN1 < VIN2
15
50
VIN1 = SHDN = 3.3V
1
10
Reverse Leakage From VIN2
(2)
I
VIN1
VIN1 = 0V, VIN2 = 3.6V, I
O = 0mA
0.25
1.00
µA
VIN2
Supply Voltage
VIN2
3.0
3.3
3.6
V
Quiescent Current
I
Q2
VIN2 > VIN1, I
O = 0mA
150
300
µA
VIN2 < VIN1
1
10
VIN2 = SHDN = 3.3V
1
10
Reverse Leakage From VIN1
(2)
I
VIN2
VIN1 = 3.6V, VIN2 = 0V, I
O = 0mA
0.25
1.00
µA
VIN1 Threshold Voltage
Threshold Voltage
V
TH
2.80
2.90
3.00
V
Hysteresis
V
HYST
130
mV
Power Switches
VIN1 Pass Device R
DS(ON)
(2)
R
DS(ON)1
VIN1 = 3.3V, VIN2 = 0V
100
250
m
Ω
VIN2 Pass Device R
DS(ON)
(2)
R
DS(ON)2
VIN1 = 0V, VIN2 = 3.3V
150
400
m
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com