Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1578 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1578
Description  HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1578 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1578 Datasheet HTML 1Page - Semtech Corporation SC1578 Datasheet HTML 2Page - Semtech Corporation SC1578 Datasheet HTML 3Page - Semtech Corporation SC1578 Datasheet HTML 4Page - Semtech Corporation SC1578 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH-EFFICIENCY STEP-DOWN
DC-DC CONVERTER
SC1578
January 29, 1998
Parameter
Conditions
Min
Typ
Max
Units
Operation Voltage
4
24
V
Quiescent Current
V
FB = 1.5V
90
160
µA
Shutdown Mode Current
V
SHDN = 0V
8
20
µA
Internal Reference Voltage
1.16
1.22
1.28
V
Driver Sinking “On resistance”
16
Ω
Driver Sourcing “On resistance”
11
Ω
Current Sense Comparator
Threshold
1578
1578A
V
CS+ = 13V
42
52
57
57
72
62
mV
Shutdown Threshold
0.8
1.5
2.4
V
SHDN Pin Leakage Current
V
SHDN < 15V
1
µA
Duty Cycle
V
DUTY = VIN
71
%
Oscillator Frequency
V
DUTY = VIN
225
kHz
TYPICAL PERFORMANCE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, T
A = 25°C, VIN = 13V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com