Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

88NXXL-AF5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 88NXXL-AF5-R
Description  BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

88NXXL-AF5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  88NXXL-AF5-R Datasheet HTML 1Page - Unisonic Technologies 88NXXL-AF5-R Datasheet HTML 2Page - Unisonic Technologies 88NXXL-AF5-R Datasheet HTML 3Page - Unisonic Technologies 88NXXL-AF5-R Datasheet HTML 4Page - Unisonic Technologies 88NXXL-AF5-R Datasheet HTML 5Page - Unisonic Technologies 88NXXL-AF5-R Datasheet HTML 6Page - Unisonic Technologies 88NXXL-AF5-R Datasheet HTML 7Page - Unisonic Technologies 88NXXL-AF5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
88NXX
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-368.c
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-143
SOT-25
14:1.4V
18:1.8V
21:2.1V
24:2.4V
27:2.7V
28:2.8V
29:2.9V
33:3.3V
PIN CONFIGURATION
4
3
1
2
VSS
CD
VDD
VOUT
For SOT-25
For SOT-143
PIN DESCRIPTION
PIN NO
SOT-143
SOT-25
PIN NAME
DESCRIPTION
4
1
VOUT
Voltage Detection Output Pin
2
2
VDD
Voltage Input Pin
1
3
VSS
GND Pin
-
4
NC
No Connection (Note)
3
5
CD
Connection Pin For Delay Capacitor
Note:
The NC pin is electrically open and can be connected to VDD or VSS.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com