Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1580G-SH2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # P1580G-SH2-R
Description  380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1580G-SH2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  P1580G-SH2-R Datasheet HTML 1Page - Unisonic Technologies P1580G-SH2-R Datasheet HTML 2Page - Unisonic Technologies P1580G-SH2-R Datasheet HTML 3Page - Unisonic Technologies P1580G-SH2-R Datasheet HTML 4Page - Unisonic Technologies P1580G-SH2-R Datasheet HTML 5Page - Unisonic Technologies P1580G-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P1580
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R103-049.A
ABSOLUTE MAXIMUM RATING (Note 3)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
28
V
Switch Voltage
VSW
-1~ VIN+1
V
Boost Voltage
VBS
VSW+6
V
Feedback Voltage
VFB
-0.3~6
V
Enable/UVLO Voltage
VEN
-0.3~6
V
Compensation Voltage
VCOMP
-0.3~6
V
Synchronization Voltage
VSYNC
-0.3~6
V
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
3.5~28
V
Ambient Operating Temperature
TA
-40 ~ +125
°C
Note: The device is not guaranteed to function outside its operating rating.
THERMAL DATA (Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
105
°C/W
Junction to Case
θJC
50
°C/W
Note: Measured on approximately 1” square of 1 oz. Copper surrounding device leads.
ELECTRICAL CHARACTERISTICS (VIN=12V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Feedback Voltage
VFB
7V ≤ VIN ≤ 25V, VCOMP < 2V
1.198
1.222
1.246
V
Upper Switch Leakage
VEN =0V, VSW =0V
0.1
10
µA
Current Limit
ILIMIT
3.1
3.3
3.3
A
Current Limit Gain.
Output Current to Comp Pin Voltage
GCOMP
2.2
A/V
Error Amplifier Voltage Gain
AVEA
400
V/V
Error Amplifier Transconductance
GEA
ΔIC =±10μA
680
770
1000
µA/V
Oscillator Frequency
FOSC
342
380
418
KHZ
Short Circuit Frequency
FSC
VFB=0V
40
46
54
KHZ
Synchronization Frequency
FSYNC
Sync Drive 0 ~ 2.7V
370
660
KHZ
Maximum
DMAX
VFB =1.0V
90
%
Duty Cycle
Minimum
DMIN
VFB =1.5V
0
%
Switch VCESAT
ISW =2A
400
mV
Enable Threshold
VEN
ICC > 100μA
0.9
1.1
1.3
V
Enable Pull Up Current
IEN
VEN =0V
0.1
µA
Shutdown
ISHDN
VEN ≤0.4V
5
8
µA
Supply Current
Quiescent
IQ
VEN ≥2.6V; VFB =1.4V
1.7
mA
Current of Short Circuit
ISC
VIN=10V
1.8
A
Thermal Shutdown
TOTP
160
°C
Note: If the VIN voltage exceeding 23V under short circuit condition, there will be some risk.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com