Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1885G-S08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # P1885G-S08-R
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1885G-S08-R Datasheet(HTML) 8 Page - Unisonic Technologies

  P1885G-S08-R Datasheet HTML 1Page - Unisonic Technologies P1885G-S08-R Datasheet HTML 2Page - Unisonic Technologies P1885G-S08-R Datasheet HTML 3Page - Unisonic Technologies P1885G-S08-R Datasheet HTML 4Page - Unisonic Technologies P1885G-S08-R Datasheet HTML 5Page - Unisonic Technologies P1885G-S08-R Datasheet HTML 6Page - Unisonic Technologies P1885G-S08-R Datasheet HTML 7Page - Unisonic Technologies P1885G-S08-R Datasheet HTML 8Page - Unisonic Technologies P1885G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
P1885
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R103-041
.B
TYPICAL CHARACTERISTICS
Input Voltage vs. Frequency
Input Voltage, VIN (V)
Input Voltage vs. Feedback Voltage
Input Voltage, VIN (V)
270
275
280
285
290
295
300
305
310
315
320
0
5
10
15
20
25
0.74
0
5
10
15
20
25
0.75
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
VOUT=5V, IOUT=0.2A
VOUT=5V, IOUT=0.2A
Line Regulation
Input Voltage, VIN (V)
Load Regulation
Output Current, IOUT (A)
0
5
10
15
20
25
4.70
4.75
4.80
4.85
4.90
4.95
5.00
4.89
0
1.0
4.90
4.91
4.92
4.93
4.94
4.95
4.96
4.97
4.98
4.99
0.5
1.5
2.0
VOUT=5V, IOUT=0.2A
VIN=12V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com