Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1886G-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # P1886G-S08-R
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1886G-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

  P1886G-S08-R Datasheet HTML 1Page - Unisonic Technologies P1886G-S08-R Datasheet HTML 2Page - Unisonic Technologies P1886G-S08-R Datasheet HTML 3Page - Unisonic Technologies P1886G-S08-R Datasheet HTML 4Page - Unisonic Technologies P1886G-S08-R Datasheet HTML 5Page - Unisonic Technologies P1886G-S08-R Datasheet HTML 6Page - Unisonic Technologies P1886G-S08-R Datasheet HTML 7Page - Unisonic Technologies P1886G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
P1886
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R103-042.C
TYPICAL CHARACTERISTICS
Input Voltage vs. Frequency
270
275
280
285
290
295
300
305
310
315
320
0
510
15
20
25
Input Voltage,VIN (V)
Input Voltage vs. Feedback Voltage
0.74
0
510
15
20
25
0.75
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
VOUT=5V
IOUT=0.2A
Input Voltage,VIN (V)
VOUT=5V
IOUT=0.2A
Line Regulation
4.70
0
510
15
20
25
Input Voltage,VIN (V)
4.75
4.80
4.85
4.90
4.95
5.00
Load Regulation
4.89
0.0
1.0
2.0
Ouput Current,IOUT (A)
4.90
4.91
4.92
4.93
4.94
4.95
4.96
4.97
4.98
4.99
VOUT=5V
IOUT=0.2A
0.5
1.5
VIN=12V
2.5
3.0
Output Current vs. Efficiency
0
0.0
1.0
2.0
0.5
10
20
30
40
50
60
70
80
90
100
Output Current,IOUT(A)
VOUT=5.0V
VOUT=3.3V
1.5
3.0
2.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com