Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1633-3CS Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1633-3CS
Description  LOW VOLTAGE STEP-UP DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1633-3CS Datasheet(HTML) 7 Page - Semtech Corporation

  SC1633-3CS Datasheet HTML 1Page - Semtech Corporation SC1633-3CS Datasheet HTML 2Page - Semtech Corporation SC1633-3CS Datasheet HTML 3Page - Semtech Corporation SC1633-3CS Datasheet HTML 4Page - Semtech Corporation SC1633-3CS Datasheet HTML 5Page - Semtech Corporation SC1633-3CS Datasheet HTML 6Page - Semtech Corporation SC1633-3CS Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
LOW VOLTAGE STEP-UP
DC-DC CONVERTER
SC1633
January 29, 1998
DEVICE OUTLINE - SO-8
PIN DESCRIPTIONS
PIN 1: I
LIM/SD
(1) Connected to V
IN pin through a
resistor to set the switch peak current.
It serves to protect the IC and induc-
tor, as well as to improve efficiency
and output ripple. However, the supply
capability of the SC1633 is limited by
the current limit resistor (see typical
performance characteristics). The
I
LIM/SD pin should be shorted to VIN if
limiting switch peak current is not
required.
(2) The SC1633 goes into shutdown
mode and consumes less than 10µA
when the I
LIM/SD pin is pulled to
ground.
PIN 2: V
IN
Input supply.
PIN 3: SW
Drain of the power switch, to be con-
nected to the inductor and diode.
PIN 4: SGND Ground connected to the source of the
power switch.
PIN 5: CGND Ground for control circuits of the IC. It
should be separated from SGND to
avoid interference.
PIN 6: LBO
Open drain output of the battery low
detector, with 45 Ohm “On Resis-
tance” at V
IN=2V. It is pulled low when
the voltage on the LBI pin is below
1.22 volts.
PIN 7: LBI
The inverting input of the battery low
detector, of which the non-inverting
input is internally connected to the
1.22V voltage reference.
PIN 8: V
OUT
The output voltage feeds back to the
IC through this pin.
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com