Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2583L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P2583L-S08-R
Description  380KHz, 3A STEP-DOWN SWITCHING REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P2583L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  P2583L-S08-R Datasheet HTML 1Page - Unisonic Technologies P2583L-S08-R Datasheet HTML 2Page - Unisonic Technologies P2583L-S08-R Datasheet HTML 3Page - Unisonic Technologies P2583L-S08-R Datasheet HTML 4Page - Unisonic Technologies P2583L-S08-R Datasheet HTML 5Page - Unisonic Technologies P2583L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P2583
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R103-052.B
380KHz, 3A STEP-DOWN
SWITCHING REGULATOR
DESCRIPTION
The UTC P2583 is a fixed 380kHz frequency, current mode, PWM
controller with an internal power MOSFET. It achieves 3A continuous
output current over a wide input supply range with excellent load and line
regulation. Equipped with an external compensation pin, this device offers
user flexibility in determining loop dynamic.
The UTC P2583 integrates controls, monitoring and protection
functions into a single 8-pin package to provide a low cost and perfect
power solution. The device provides wide 3.6V to 28V operating input
range, also highly efficient with peak operating efficiency at 90%.
An Under- Voltage-Lock-Output (UVLO) circuit monitors the Vin supply
voltage to prevent wrong logic controls. An internal 1.222V reference
provides low output voltage down to 1.22V for further applications. The
controller’s over-current protection monitors the output current by using the
voltage drop across a current sensing resistor. Additional under voltage
protections monitor the voltage on FB pin for short-circuit protections.
The UTC P2583 provides fast transient respond and requires very few
external devices for operation.
FEATURES
* 3A Output Current
* Vin=3.6V,Vout=2.5V,Iload_max up to 3A
* 380kHz frequency of operation
* 3.6V to 28V Input Voltage Range
* 25μA Shutdown Supply Current
* Output Adjustable from 1.22V to 21V
* Frequency FoldBack at Short Circuit
* Thermal Shutdown
* Under Voltage Lock Output
* Current Mode with Low ESR Output Ceramic Capacitors
* Up to 90% Efficiency
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
P2583L-S08-R
P2583G-S08-R
SOP-8
Tape Reel
P2583L-S08-T
P2583G-S08-T
SOP-8
Tube
P2583G-S08-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel, T: Tube
(2) S08: SOP-8
(3) G: Halogen Free, L: Lead Free
(3)Halogen Free


Similar Part No. - P2583L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P2583L-S08-R UTC-P2583L-S08-R Datasheet
182Kb / 6P
380KHz, 3A STEP-DOWN SWITCHING REGULATOR
More results

Similar Description - P2583L-S08-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
3A Step Down Switching Voltage Regulator
logo
Monolithic Power System...
MP2355 MPS-MP2355 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP2355 MPS-MP2355_06 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
logo
Semtech Corporation
SC4519 SEMTECH-SC4519 Datasheet
278Kb / 15P
600kHz, 3A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H_07 Datasheet
285Kb / 14P
600kHz, 3A Step-Down Switching Regulator
logo
Unisonic Technologies
P1580 UTC-P1580 Datasheet
283Kb / 6P
380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4519 HTC-TJ4519 Datasheet
533Kb / 11P
600kHz 3A Step-Down Switching Regulator
logo
Unisonic Technologies
P1583 UTC-P1583 Datasheet
187Kb / 5P
380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
P2583 UTC-P2583_12 Datasheet
182Kb / 6P
380KHz, 3A STEP-DOWN SWITCHING REGULATOR
logo
Feeling Technology Corp...
FP6180 FEELING-FP6180 Datasheet
1Mb / 13P
3A, 23V, 380KHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com