Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2583G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # P2583G-S08-R
Description  380KHz, 3A STEP-DOWN SWITCHING REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P2583G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  P2583G-S08-R Datasheet HTML 1Page - Unisonic Technologies P2583G-S08-R Datasheet HTML 2Page - Unisonic Technologies P2583G-S08-R Datasheet HTML 3Page - Unisonic Technologies P2583G-S08-R Datasheet HTML 4Page - Unisonic Technologies P2583G-S08-R Datasheet HTML 5Page - Unisonic Technologies P2583G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P2583
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R103-052.B
BLOCK DIAGRAM
+
-
+
-
+
-
+
S
R
Q
+
Reference
50K-380KHz
Slope COMP
IN
NC
3
4GND
2
6
1
COMP
5
FB
7
EN
8
SS/NC
Slope COMP
Slope COMP
SW
PWM
EA
Rsense
Current Sense
1.22V
UVLO
OTP
UVLO
UVLO
PMOS
Driver
LEB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com