Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3586 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # P3586
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P3586 Datasheet(HTML) 5 Page - Unisonic Technologies

  P3586 Datasheet HTML 1Page - Unisonic Technologies P3586 Datasheet HTML 2Page - Unisonic Technologies P3586 Datasheet HTML 3Page - Unisonic Technologies P3586 Datasheet HTML 4Page - Unisonic Technologies P3586 Datasheet HTML 5Page - Unisonic Technologies P3586 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P3586
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R103-050.A
TYPICAL APPLICATION CIRCUIT
FB
EN
COMP
Vcc
SW
SW
Vss
Vss
1
2
3
4
8
7
6
5
VCC+12V
C2
22uF
(MLCC)
C3
0.22µF
(option)
ON/OFF R4
100K
C6
0.1µF
(option) R3
C7
D1
D1N5822
R2
1.3K
R1
6.8K
12
L1
10µH
C1
0.33nF
C4
22µF
(MLCC)
VOUT=5V/3A
UTC P3586
15K
10nF
C8
51pF
Notes:
⎟
⎠
⎞
⎜
⎝
⎛
+
×
=
2
2
1
R
R
R
VFB
V
OUT
(C2 can choose 220uF Low ESR AL Cap Or 22uF MLCC Cap)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com