Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431NS-AE2-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # TL431NS-AE2-R
Description  PROGRAMMABLE PRECISION REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL431NS-AE2-R Datasheet(HTML) 6 Page - Unisonic Technologies

  TL431NS-AE2-R Datasheet HTML 1Page - Unisonic Technologies TL431NS-AE2-R Datasheet HTML 2Page - Unisonic Technologies TL431NS-AE2-R Datasheet HTML 3Page - Unisonic Technologies TL431NS-AE2-R Datasheet HTML 4Page - Unisonic Technologies TL431NS-AE2-R Datasheet HTML 5Page - Unisonic Technologies TL431NS-AE2-R Datasheet HTML 6Page - Unisonic Technologies TL431NS-AE2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TL431
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R103-003,AC
■
TYPICAL CHARACTERISTICS
-1
1
02
3
-200
0
400
200
600
800
-2
Cathode Voltage (V)
0
1
2
345
67
0
1
2
3
4
5
6
7
Time (
µs)
Pulse Response
Ta=25°C
Ta=25°C
VKA=VREF
Change in Reference Input Voltage vs.
Cathode Voltage
Cathode Current vs. Cathode Voltage
IKA(MIN)
0
5
10
15
20
25
30
35
40
-1
-1
Cathode Voltage (V)
-2
-1
0
1
2
3
-100
-75
-50
-25
0
25
50
75
100
125
Cathode Voltage (V)
Cathode Current vs. Cathode Voltage
150
Ta=25°C
VKA=VREF
0
-5
-10
-15
-20
-25
-30
-35
-40
IKA=10mA
Ta=25°C
Frequency, f (Hz)
0
20
40
60
Frequency Response
1K
10K
100K
1M
10M
10
30
50
-40 -20
0
25
50
100 125 150
75
0.8
1.6
2.4
3.0
Temperature, ( )
Deviation of Reference Voltage
over Temperature
IKA=10mA
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com