Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TL431-S08-R
Description  PROGRAMMABLE PRECISION REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL431-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  TL431-S08-R Datasheet HTML 1Page - Unisonic Technologies TL431-S08-R Datasheet HTML 2Page - Unisonic Technologies TL431-S08-R Datasheet HTML 3Page - Unisonic Technologies TL431-S08-R Datasheet HTML 4Page - Unisonic Technologies TL431-S08-R Datasheet HTML 5Page - Unisonic Technologies TL431-S08-R Datasheet HTML 6Page - Unisonic Technologies TL431-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TL431
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R103-003,AC
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Cathode Voltage
VKA
37
V
Cathode Current Range(Continuous)
IKA
-100 ~ +150
mA
Reference Input Current Range
IREF
-0.05 ~ +10
mA
TO-92
770
mW
SOT-89
800
mW
Power Dissipation
SOT-23/SOT-23-3/SOT-25
PD
300
mW
Operating Junction
TJ
+150
°C
Operating Ambient
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Cathode Voltage
VKA
VREF
36
V
Cathode Current
IKA
1
100
mA
ELECTRICAL CHARACTERISTICS (TC= 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
TL431-A
2.483 2.495 2.507
V
TL431-1
2.470 2.495 2.520
V
TL431-2
2.520
-
2.545
V
Reference Input Voltage
VREF
VKA=VREF,IKA=10mA
TL431-3
2.445
-
2.470
V
Deviation of reference Input Voltage Over
temperature
ΔT
ΔVREF VKA=VREF,IKA=10mA
0°C ≤Ta≤70°C
4.5
17
mV
ΔVKA=10V~VREF
-1.0
-2.7 mV/V
Ratio of Change in Reference Input
Voltage to the Change in Cathode Voltage
KA
REF
ΔV
ΔV
IKA=10mA
ΔVKA=36V~10V
-0.5
-2.0 mV/V
Reference Input Current
IREF
IKA=10mA, R1=10kΩ, R2=∞
1.5
4
µA
Deviation of Reference Input Current Over
Full Temperature Range
ΔT
ΔIREF
IKA=10mA, R1=10kΩ, R2=∞
Ta =full Temperature
0.4
1.2
µA
Minimum Cathode Current for Regulation
IKA(MIN) VKA=VREF
0.3
0.5
mA
Off-State Cathode Current
IKA(OFF) VKA=36V, VREF=0
0.05
1.0
µA
Dynamic Impedance
ZKA
VKA=VREF, IKA=1 to 100mA
f≤1.0kHz
0.15
0.5
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com