Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB211C Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UB211C
Description  1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB211C Datasheet(HTML) 2 Page - Unisonic Technologies

  UB211C Datasheet HTML 1Page - Unisonic Technologies UB211C Datasheet HTML 2Page - Unisonic Technologies UB211C Datasheet HTML 3Page - Unisonic Technologies UB211C Datasheet HTML 4Page - Unisonic Technologies UB211C Datasheet HTML 5Page - Unisonic Technologies UB211C Datasheet HTML 6Page - Unisonic Technologies UB211C Datasheet HTML 7Page - Unisonic Technologies UB211C Datasheet HTML 8Page - Unisonic Technologies UB211C Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UB211C
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R502-482.b
MARKING INFORMATION
PACKAGE
VOLTAGE CODE (Note)
MARKING
SOT-25
AA
1
B2CXX□
Voltage Code
2
3
4
5
G:Halogen Free
L: Lead Free
Note: Refer to Serial Code List
SERIAL CODE LIST
Model
Code
Overcharge
Detection
Voltage
[VCU](V)
Overcharge
Release
Voltage
[VCL](V)
Over discharge
Detection
Voltage
[VDL](V)
Over discharge
Release
Voltage
[VDU](V)
Over Current
Detection
Voltage
[VDIOV](V)
UB211C
AA
4.200
4.100
2.800
2.900
0.150
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VM
For current sense and charger detection input pin
2
VDD
Positive power input
3
VSS
Negative power input
4
DO
For discharge control: FET gate connection pin
5
CO
For charge control: FET gate connection pin



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com