Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431L-T92-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TL431L-T92-R
Description  PROGRAMMABLE PRECISION REFERENCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL431L-T92-R Datasheet(HTML) 4 Page - Unisonic Technologies

  TL431L-T92-R Datasheet HTML 1Page - Unisonic Technologies TL431L-T92-R Datasheet HTML 2Page - Unisonic Technologies TL431L-T92-R Datasheet HTML 3Page - Unisonic Technologies TL431L-T92-R Datasheet HTML 4Page - Unisonic Technologies TL431L-T92-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TL431L
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R103-014.F
TYPICAL CHARACTERISTICS
-2
-1
0
1
2
3
-100
-75
-50
-25
0
25
50
75
100
125
Cathode Voltage (V)
Cathode Current vs. Cathode Voltage
Ta=25
VKA=VREF
-1
1
02
3
-200
0
400
200
600
800
-2
Cathode Voltage (V)
Cathode Current vs. Cathode Voltage
IKA(min)
0
5
10
15
20
25
30
35
40
0
-5
-10
-15
-20
-25
-30
-35
-40
Cathode Voltage (V)
Change in Reference Input Voltage vs.
Cathode voltage
IKA=100mA
Ta=25
0
1
23
456
7
0
1
2
3
4
5
6
7
Time (μs)
Pulse Response
Ta=25
2
10
1
10
-1
10
0
10
7
10
6
10
5
10
10
4
10
3
Frequency (Hz)
Dynamic Impedance vs. Frequency
Ta=25
IKA=0mA ~ 100mA
-10
0
10
20
30
40
50
60
70
7
10
6
10
5
10
10
4
10
3
Small Signal Voltage Amplification vs. Frequency
Frequency (Hz)
Ta=25
IKA=10mA
Ta=25
VKA=VREF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com