Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB24205G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UB24205G-S08-R
Description  LITHIUM-ION/POLYMER BATTERY PROTECTION IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB24205G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UB24205G-S08-R Datasheet HTML 1Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 2Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 3Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 4Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 5Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 6Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 7Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 8Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UB24205
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R121-019.a
LITHIUM-ION/POLYMER
BATTERY PROTECTION IC
DESCRIPTION
The UTC UB24205 is a lithium-ion / lithium-polymer rechargeable
battery protection IC with internal MOSFETs. It incorporates high
accuracy voltage detection circuits and delay circuits.
The UTC UB24205 is suitable for protection of single cell
lithium-ion / lithium polymer battery packs from overcharge, over
discharge and over current.
The small package and less required external components make
it ideal to be integrated into limited space of battery pack.
FEATURES
* Wide supply voltage range:
VDD=1.8V~9.0V
* Ultra-low quiescent current:
IDD=3.0μA (VDD=3.9V)
* Ultra-low power-down current:
IPD=0.1μA (VDD=2.0V)
* Overcharge detection voltage:
VOCU=4.250V±0.050V
* Overcharge release voltage:
VOCR=4.055V±0.050V
* Over discharge release voltage:
VODL=2.250V±0.100V
* Over discharge detection voltage: VODR=2.850V±0.100V
* Over current detection voltage:
VOI1= 0.150V±0.030V
* Short circuit detection voltage:
VOI2=1.35V (Fixed)
* Charger detection voltage:
VCH=-0.7V
*
Reset resistance for over current
protection:
RSHORT>500kΩ
* No external MOSFETs
*
Delay times are generated by an internal circuit
(External capacitors are unnecessary).
* Halogen Free
ORDERING INFORMATION
Ordering Number
Package
Packing
UB24205G-S08-R
SOP-8
Tape Reel


Similar Part No. - UB24205G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB24205G-S08-R UTC-UB24205G-S08-R Datasheet
171Kb / 10P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB24205G-S08-R UTC-UB24205G-S08-R Datasheet
191Kb / 10P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
More results

Similar Description - UB24205G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB242 UTC-UB242 Datasheet
230Kb / 13P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB242 UTC-UB242_15 Datasheet
230Kb / 13P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB24205 UTC-UB24205_15 Datasheet
171Kb / 10P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
Unisonic Technologies
UB242 UTC-UB242_17 Datasheet
260Kb / 13P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB24205 UTC-UB24205_17 Datasheet
191Kb / 10P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
logo
Guangdong Kexin Industr...
KP00Q01 KEXIN-KP00Q01 Datasheet
511Kb / 8P
Lithium-ion/Polymer Battery Protection IC
KP00Q02 KEXIN-KP00Q02 Datasheet
658Kb / 8P
Lithium-ion/Polymer Battery Protection IC
logo
Mitsumi Electronics, Co...
MM3645 MITSUMI-MM3645 Datasheet
50Kb / 4P
1cell Lithium-ion/Lithium-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5420 HMSEMI-HM5420 Datasheet
1Mb / 15P
2 lithium ion/lithium polymer battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com