Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3656G-AF5-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UC3656G-AF5-R
Description  1MHz,800mA SYNCHRONOUS BUCK CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3656G-AF5-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UC3656G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UC3656G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC3656G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC3656G-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC3656G-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC3656G-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC3656G-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UC3656
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-469.A
APPLICATION INFORMATION
Capacitor Selection
Proper selection of capacitors using the UTC UC3656 plays a critical role for system performance. The source
current of the top MOSFET is square wave of duty cycle in a continuous mode.
The input capacitor is generally used to provide a low impedance loop for the edges of pulsed current drawn by
the UTC UC3656. A load step at the output can induce ringing at the input VIN. This ringing can couple to the output
and be mistaken as loop instability. Increasing the capacitance of the input capacitor can great improve the
oscillation. A typical value is 4.7~ 22μF ceramic (X5R or X7R), POSCAP or Aluminum Polymer. With these
capacitors, better high frequency bypassing is achieved; resistive losses are thus reduced by their low ESR for
higher efficiency. Moreover, the input capacitor RMS current changes with the input voltage and the output voltage.
The maximum RMS current in the input capacitor can be expressed in the following formula:
)
V
V
(
V
V
I
I
IN
O
IN
O
OMAX
RMS
−
=
1
The output capacitor depends upon the suitable ripple voltage. Low ripple voltage corresponds to lower effective
series resistance (ESR).
The output ripple voltage can be calculated by:
)
fC
ESR
(
I
V
OUT
L
OUT
8
1
+
Δ
≅
Δ
The formula as follows shows the output capacitor RMS ripple current:
IN
OUT
IN
OUT
RMS
V
f
L
)
V
V
(
V
I
×
×
−
×
=
3
2
1
For the UTC UC3656, X5R or X7R dielectric formulations have the priority in choosing the input and output
ceramic capacitors. This is because these dielectrics provide the best temperature and voltage characteristics of all
the ceramics for a given value and size.
Inductor Selection
Selecting an optimum inductor is dependent upon the expected ripple current and large value inductors lower
ripple current and small value inductors result in higher ripple current. In addition, the losses associated with the
DCR and its effect on the total converter efficiency should be taken consideration.
The inductor is also chosen to limit the ripple current to some pre-fixed value, approx. 20 ~ 40% (TYP.) of the
full load current at the maximum input voltage.
The inductance value can be calculated in the following equation:
OUT(MAX)
L
I
0.4
~
.
I
×
=
Δ
2
0
)
V
V
(
I
f
V
L
IN
OUT
L
OUT
−
Δ
×
=
1
Adjustable Output Voltage
A resistive divider adjusts the output voltage of the UTC UC3656, which divides a 0.6V reference voltage at FB
pin. The output voltage can be obtained by the equation as follows:
)
1
(
6
.
0
2
1
R
R
V
V
OUT
+
×
=



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com