Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3500G-XX-AF5-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # UC3500G-XX-AF5-R
Description  HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3500G-XX-AF5-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button UC3500G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 10Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 11Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
UC3500
CMOS IC
TYPICAL CHARACTERISTICS(Cont.)
UC3500-3.3V
Time(ms)
Output Waveform of LX
0
1
1
Time(µs)
0
200
50
100
150
250
25
225
75
125
175
2
2
4
3
0
-50
0
50
IOUT=1mA
3
Output Waveform of LX
0
1
1
02
50
100
150
250
25
225
75
125
175
2
00
2
4
3
0
-50
0
50
IOUT=10mA
3
UNISONICTECHNOLOGIESCO.,LTD
11 of 12
www.unisonic.com.tw
QW-R502-072.D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com