Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3842G-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UC3842G-S08-R
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3842G-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UC3842G-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3842G-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3842G-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3842G-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3842G-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3842G-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3842G-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3842G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
UC3842G
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R103-036.B
CURRENT SENSE CIRCUIT
5
3
1
2R
R1V
C
Rs
R
Is
Error Amplifier
Current Sense Comparator
Peak current (IS) determined by the formula: ISMAX=1V/Rs. A small RC filter be required to suppress switch
transients
OSCILLATOR AND STANDBY MODE
We can judge the state of output load through the voltage of PIN1. In order to reduce the standby power, it will
reduce the OSC frequency at right load. When VCOMP≤2.2V, the OSC frequency begins to reduce. The normal
frequency is 52KHz, the minimum frequency is 14KHz.
2.2V
1.2V
Standby mode
Minimum frequency :14KHz
Normal
Frequency: 52KHz
Normal
Frequency: 52KHz
VCOMP
Increase
OSC triangle wave



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com