Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC4601G-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC4601G-AF5-R
Description  PWM STEP-DOWN DC-DC CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC4601G-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC4601G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UC4601G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC4601G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC4601G-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC4601
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-494.b
PWM STEP-DOWN DC-DC
CONTROLLER
DESCRIPTION
The UTC UC4601 is a PWM step-down DC/DC controller. It has
a low supply current. The step-down DC/DC converter with low
ripple, high efficiency performance is conveniently configured with
additional external components, such as a power-transistor, an
inductor, a diode and capacitors. The output voltage can be adjusted
with external components.
The UTC UC4601 contains a high precision band-gap voltage
reference, a PWM control circuit, a soft-start circuit, a protection
circuit, an oscillator, an error amplifier with built-in compensation
network and input/output voltage detection circuits.
The UTC UC4601 based DC/DC converter can performance well
when maintaining stability, which is due to its built-in state-of-art
control algorithm. Further, if the term of maximum duty cycle retains
on a certain time, the embedded protection circuits restart the
operation with soft-start and repeat until the maximum duty cycle
condition is released. Finally, the internal UVLO function blocks
potentially unstable output when the input voltage reaches the UVLO
threshold or less. This is aiming at making this circuit standby for low
power consumption.
The UTC UC4601 can be applied in battery-powered equipment,
hand-held communication equipment, cameras, video instruments
such as VCRs, camcorders, household electrical appliances.
FEATURES
* 500kHZ oscillation frequency
* Input voltage varies from 2.3V to 18V
* Low temperature coefficient of output voltage: Typ. ±100ppm/°C
* Internal soft-start and protection function
* High efficiency up to 90% (TYP.)
* High output voltage accuracy: ±2%
* Standly current: 0.1μA (TYP.)
* CMOS output capability
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UC4601L-AF5-R
UC4601G-AF5-R
SOT-25
Tape Reel
UC4601L - AF5 - R
(1) Packing Type
(2) Package Type
(3) Lead Free
(1) R: Tape Reel
(2) AF5: SOT-25
(3) G: Halogen Free, L: Lead Free


Similar Part No. - UC4601G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC4601G-AF5-R UTC-UC4601G-AF5-R Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC
UC4601G-AF5-R UTC-UC4601G-AF5-R Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
More results

Similar Description - UC4601G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2002
logo
List of Unclassifed Man...
RT9226A ETC1-RT9226A Datasheet
186Kb / 6P
Synchronus PWM Step-down DC/DC Comverter Controller
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
logo
Unisonic Technologies
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
logo
Global Mixed-mode Techn...
G5001 GMT-G5001 Datasheet
106Kb / 2P
300kHz DC-DC Step-Down PWM Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
logo
ACE Technology Co., LTD...
ACE73205F ACE-ACE73205F Datasheet
287Kb / 3P
PWM Step-down DC-DC Controller IC
VER 1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com