Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4041 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4041
Description  PRECISION SHUNT VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4041 Datasheet(HTML) 2 Page - Semtech Corporation

  SC4041 Datasheet HTML 1Page - Semtech Corporation SC4041 Datasheet HTML 2Page - Semtech Corporation SC4041 Datasheet HTML 3Page - Semtech Corporation SC4041 Datasheet HTML 4Page - Semtech Corporation SC4041 Datasheet HTML 5Page - Semtech Corporation SC4041 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 1998 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRECISION SHUNT VOLTAGE
REFERENCE
SC4041
PRELIMINARY - April 13, 1998
2
Parameter
Symbol
Maximum
Units
Reverse Current
60 µA to 20
mA
Operating Temperature Range
T
A
-40 to +85
°C
Operating Junction Temperature Range
T
J
-40 to +150
°C
Storage Temperature Range
T
STG
-65 to +150
°C
Lead Temperature (Soldering) 10
seconds
T
LEAD
260
°C
ESD Rating
ESD
2
kV
ABSOLUTE MAXIMUM RATINGS
PACKAGE
TOLERANCE
0.1%
0.2%
0.5%
1.0%
2.0%
T/R Quantity
SOT-23-3L
(1)
SC4041ASK
SC4041BSK
SC4041CSK
SC4041DSK
SC4041ESK
3K
SO-8
(1)
SC4041AS
SC4041BS
SC4041CS
SC4041DS
SC4041ES
2.5K
TO-92
(1)(2)
SC4041AZ
SC4041BZ
SC4041CZ
SC4041DZ
SC4041EZ
TR=3K, TA=2K
Notes:
(1) Add suffix ‘TR’ for Tape & Reel.
(2) Add suffix ‘TA’ for Tape Ammo.
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com