Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM603L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UM603L-S08-R
Description  DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM603L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UM603L-S08-R Datasheet HTML 1Page - Unisonic Technologies UM603L-S08-R Datasheet HTML 2Page - Unisonic Technologies UM603L-S08-R Datasheet HTML 3Page - Unisonic Technologies UM603L-S08-R Datasheet HTML 4Page - Unisonic Technologies UM603L-S08-R Datasheet HTML 5Page - Unisonic Technologies UM603L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UM603/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R105-031.D
ELECTRICAL CHARACTERISTICS(Cont.)
VCC+=+5V, VCC=Ground, VOUT=1.4V, Ta=25°C (unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPERATOR2
(independent op-amp)(Note 1)
UM603A
Ta=25°C
TMIN≤Ta≤TMAX
0.5
2
3
mV
Input Offset Voltage
UM603
VI(OFF)
Ta=25
°C
TMIN≤Ta≤TMAX
1
4
5
mV
Input Offset Voltage Drift
DVI(OFF)
7
μV/
°C
Input Offset Current
II(OFF)
TMIN≤Ta≤TMAX
2
30
50
nA
Input Bias Current
II(BIAS)
TMIN≤Ta≤TMAX
20
150
200
nA
Large Signal Voltage Gain
Avd
VCC=15V, RL=2k, VOUT=1.4V~11.4V
TMIN≤Ta≤TMAX
50
25
100
V/mV
Supply Voltage Rejection Ratio
SVRR
VCC=5V ~30V
65
100
dB
VCC=+30V (Note 1)
0
(VCC
+)-1.5
Input Common Mode Voltage Range
VI(CM)
TMIN≤Ta≤TMAX
0
(VCC
+)-2
V
Common Mode Rejection Ratio
CMRR
TMIN≤Ta≤TMAX
70
60
85
dB
Output Current Source
IO(SOURCE) VCC=+15V, VOUT=2V, Vjd=+1V
20
40
mA
Short Circuit to Ground
ISC
VCC=+15V
40
60
mA
Output Current Sink
IO(SINK) Vid=-1V, VCC=+15V, VOUT=2V
10
20
mA
High Level Output Voltage
VOH
VCC+=30V
Ta=25 ,
℃
RL=10k
TMIN≤Ta≤TMAX
27
27
28
V
Low Level Output Voltage
VOL
RL=10k
TMIN≤Ta≤TMAX
5
20
20
mV
Slew Rate at Unity Gain
SR
VIN=0.5 ~ 3V, VCC=15V
RL=2k, CL=100pF, unity gain
0.2
0.4
V/μs
Gain Bandwidth Product
GBP
VCC=30V, RL=2K, CL=100pF
f=100kHz, VIN=10mV
0.5
0.9
MHz
Total Harmonic Distortion
THD
f=1kHz
Av=20dB, RL=2k, Vcc=30V,
CL=100pF, VOUT=2Vpp
0.02
%
VOLTAGE REFERENCE
PARAMETER
SYMBOL
Value
UNIT
Cathode Current
Ik
1 ~ 100
mA
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UM603A
±0.4%, Ta=25°C
TMIN≤Ta≤TMAX, VKA=VREF, IKA=10mA
2.49
2.48
2.5
2.51
2.52
V
Reference Input Voltage
UM603
VREF
±1%, Ta=25°C
TMIN≤Ta≤TMAX, VKA=VREF, IKA=10mA
2.475
2.45
2.5
2.525
2.55
Reference Input Voltage Deviation
Over Temperature Range
△
VREF
VKA=VREF; Ik=10mA
TMIN≤Ta≤TMAX
7
30
mV
Minimum Cathode Current for
Regulation
IMIN
VKA=VREF
0.5
1
mA
Dynamic Impedance(Note 2)
Z
∣ KA∣ VKA=VREF,
Ik=1
△
~100mA, f<1kHz
0.2
0.5
Ω
Note: 1.
2.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more
than 0.3V. The upper end of the common-mode voltage range is VCC+ -1.5V. But either of both inputs can
goto +36V without damage.
The dynamic impedance is defined as「ZKA」=△kA/△Ik



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com