Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5595-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UR5595-SH2-R
Description  DDR TERMINATION REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5595-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UR5595-SH2-R Datasheet HTML 1Page - Unisonic Technologies UR5595-SH2-R Datasheet HTML 2Page - Unisonic Technologies UR5595-SH2-R Datasheet HTML 3Page - Unisonic Technologies UR5595-SH2-R Datasheet HTML 4Page - Unisonic Technologies UR5595-SH2-R Datasheet HTML 5Page - Unisonic Technologies UR5595-SH2-R Datasheet HTML 6Page - Unisonic Technologies UR5595-SH2-R Datasheet HTML 7Page - Unisonic Technologies UR5595-SH2-R Datasheet HTML 8Page - Unisonic Technologies UR5595-SH2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UR5595
CMOS IC
www.unisonic.com.tw
1 of 12
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-062.B
DDR TERMINATION
REGULATOR
DESCRIPTION
The UTC UR5595 is a linear bus termination regulator
designed to meet JEDEC SSTL-2 and SSTL-3 (Stub Series
Terminated Logic) specifications for termination of DDR-SDRAM.
The device contains a high-speed operational amplifier to provide
excellent response to the load transients, and can deliver 1.5A
continuous current and transient peaks up to 3A in the application
as required for DDR-SDRAM termination.
With an independent VSENSE pin, the UR5595 can provide
superior load regulation. The UR5595 provides a VREF output as
the reference for the application of the chipset and DIMMs.
The output, VTT, is capable of sinking and sourcing current
while regulating the output voltage equal to VDDQ/2. The output
stage has been designed to maintain excellent load regulation and
with fast response time to minimum the transition preventing
shoot-through. The UTC UR5595 also incorporates two distinct
power rails that separates the analog circuitry (AVIN) from the
power output stage (PVIN). This power rail split can be utilized to
reduce the internal power dissipation. And this also permits UTC
UR5595
to provide a termination solution for DDRII SDRAM.
FEATURES
* Power regulating with driving and sinking capability
* Low output voltage offset
* No external resistors required
* Low external component count
* Linear topology
* Low cost and easy to use
* Thermal shutdown protection
Lead-free:
UR5595L
Halogen-free: UR5595G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Halogen Free
Package
Packing
UR5595-S08-R
UR5595L-S08-R
UR5595G-S08-R
SOP-8
Tape Reel
UR5595-SH2-R
UR5595L-SH2-R
UR5595G-SH2-R
HSOP-8
Tape Reel


Similar Part No. - UR5595-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595-SH2-R UTC-UR5595-SH2-R Datasheet
312Kb / 12P
DDR TERMINATION REGULATOR
More results

Similar Description - UR5595-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
DDR TERMINATION REGULATOR
logo
Analog Intergrations Co...
AIC1384 AIC-AIC1384 Datasheet
448Kb / 15P
DDR Termination Regulator
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
DDR Termination Regulator
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
DDR Termination Regulator
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com