Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5595L-SH2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UR5595L-SH2-R
Description  DDR TERMINATION REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5595L-SH2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UR5595L-SH2-R Datasheet HTML 1Page - Unisonic Technologies UR5595L-SH2-R Datasheet HTML 2Page - Unisonic Technologies UR5595L-SH2-R Datasheet HTML 3Page - Unisonic Technologies UR5595L-SH2-R Datasheet HTML 4Page - Unisonic Technologies UR5595L-SH2-R Datasheet HTML 5Page - Unisonic Technologies UR5595L-SH2-R Datasheet HTML 6Page - Unisonic Technologies UR5595L-SH2-R Datasheet HTML 7Page - Unisonic Technologies UR5595L-SH2-R Datasheet HTML 8Page - Unisonic Technologies UR5595L-SH2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
UR5595
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 12
www.unisonic.com.tw
QW-R502-062.B
PIN DESCRIPTIONS
AVIN , PVIN
Input supply pins
. AVIN and PVIN are two independent input supply pins for UR5595. AVIN is used to supply all the
internal analog circuits and PVIN is only used to supply the output stage to create the regulated VTT. Using a higher
PVIN voltages will increase the driving capability of VTT, but the internal power loss will also increase. If the junction
temperature exceeds the thermal shutdown than the UR5595 will enter a shutdown state, where VTT is tri-stated and
VREF remains active.
For SSTL-2 applications, the AVIN and PVIN can be short together at 2.5V to eliminate the need for bypassing
capacitors for the two supply pins separately.
VDDQ
The input pin used to create the internal reference voltage from a resistor divider of two internal 50kΩ resistors for
regulating VTT and to guarantee VTT will track VDDQ/2 precisely. As a remote sense by connecting VDDQ directly to the
2.5V rail for SSTL-2 applications is an optimal implementation of VDDQ at the DIMM. This ensures that the reference
voltage tracks the DDR memory rails precisely without a large voltage drop from the power lines.
VSENSE
The sense pin supply improved remote load regulation; if remote load regulation is not used then the VSENSE pin
must still be connected to VTT. A long trace will cause a significant IR drop resulting in a termination voltage lower at
one end of the bus than the other. Connect VSENSE pin to the middle of the bus to provide a better distribution across
the entire termination bus can reduce the IR drop.
VREF
VREF supply the buffered output of the internal reference voltage (VDDQ/2). It can provide the reference voltage of
the Northbridge chipset and memory. For better performance, a bypass ceramic capacitor of 0.1μF~0.01μF, located
close to the pin, can be used to to help with noise.
VTT
VTT is a regulated output that is used to terminate the bus resistors of DDR-SDRAM. It can precisely track the
VDDQ/2 voltage with the sinking and sourcing current capability. The UTC UR5595 is designed to handle peak
transient currents of up to ± 3A with a fast transient response. If a transient is expected to remain above the
maximum continuous current rating for a significant amount of time then the output capacitor size should be large
enough to prevent an excessive voltage drop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com