Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2175XG-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US2175XG-S08-R
Description  DUAL USB HIGH-SIDE POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2175XG-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  US2175XG-S08-R Datasheet HTML 1Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 2Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 3Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 4Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 5Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 6Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 7Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 8Page - Unisonic Technologies US2175XG-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
US2175
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R502-403.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
7
V
Control Input Voltage
VCTL
-0.3~ +6.5
V
Fault Flag Voltage
VFLG
7
V
Power Dissipation (Ta = 25°C)
PD
625
mW
Junction Temperature
TJ
+125
°C
Ambient Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (no Heatsink)
θJA
160
°C/W
ELECTRICAL CHARACTERISTICS (VIN = 5V, Ta = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
IOFF
OUT=Open
1
5
µA
Supply Current
ION
OUT=Open
65
100
µA
VIL
VCTL=Logic “0”
0.8
V
Control Input Voltage
VIH
VCTL=Logic “1”
2.4
V
IIL
VCTL =Logic “0”
0.01
1
µA
Control Input Current
IIH
VCTL =Logic “1”
0.01
1
µA
Control Input Capacitance
CI
1
pF
Output MOSFET Resistance
RON
IOUT= 500mA
110
150
mΩ
Output Turn-On Rise Delay
TD_ON
RL=10Ω each Output
40
µS
Output Turn-On Rise Time
TON
RL=10Ω each Output
500
µS
Output Turn-Off Delay
TD_OFF
RL=10Ω each Output
1
20
µS
Output Turn-Off Fall Time
TOFF
RL=10Ω each Output
1
20
µS
Output Leakage Current
II(LEAK)
0.5
10
µA
Current Limit Threshold
ILIMIT
VOUT=4V
1.3
2
A
Short Current
ISC
VOUT=0V
1
A
TJ Increasing
135
°C
Over Temperature Shutdown Threshold
TSD
TJ Decreasing
115
°C
VIN=5V, IL=10mA
15
80
Ω
Error Flag Output Resistance
RFLG
VIN=3.3V, IL=10mA
20
100
Ω
Error Flag Off Current
IFLG_OFF
VFLG=5V
0.01
1
µA
VIN Increasing
2.6
V
UVLO Threshold
VUVLO
VIN Decreasing
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com