Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3175XL-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US3175XL-S08-R
Description  POWER DISTRIBUTION SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3175XL-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US3175XL-S08-R Datasheet HTML 1Page - Unisonic Technologies US3175XL-S08-R Datasheet HTML 2Page - Unisonic Technologies US3175XL-S08-R Datasheet HTML 3Page - Unisonic Technologies US3175XL-S08-R Datasheet HTML 4Page - Unisonic Technologies US3175XL-S08-R Datasheet HTML 5Page - Unisonic Technologies US3175XL-S08-R Datasheet HTML 6Page - Unisonic Technologies US3175XL-S08-R Datasheet HTML 7Page - Unisonic Technologies US3175XL-S08-R Datasheet HTML 8Page - Unisonic Technologies US3175XL-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US3075-US3375
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-423.C
POWER DISTRIBUTION SWITCH
DESCRIPTION
The UTC US3075-US3375 is a power distribution switch. It
particularly designed for self-powered and bus-powered Universal
Serial Bus (USB) applications.
The RDS(ON) of the MOSFET switch is as low as 100mΩ. OC is
open-drain output report over-current or over-temperature event
which has deglitch typical 9ms timeout period typically 9ms.
The UTC US3075-US3375 incorporates protection circuits
including current limiting circuit with foldback function, thermal
shutdown circuit designed to prevent catastrophic switch failure due
to increasing power dissipation when continuous heavy loads or short
circuit occurs. Besides, a built-in charge pump is used to drive the
N-channel MOSFET that is free of parasitic body diode to eliminate
any reversed current flow across the switch when it is powered off.
The UTC US3075-US3375 is applied in high-side power
protection switch, USB power management, USB host and
self-powered bubs, USB bus-powered hubs, hot plug-in power
supplies, battery-charger circuits.
SOP-8
FEATURES
* Operating on The Range of 2.7V to 5.5V
* High-Side MOSFET with 100mΩ RDS(ON)
* Quiescent Supply Current: 65μA
* Available With 4 Versions of Current Limits with Foldback
* Rise Time: 400μS (TYP.)
* UVLO (Under Voltage Lockout)
* Output Shutdown Pull-low Resister
* Shutdown Supply Current: 1μA (MAX.)
* Logic Level Enable Pin, Available with Active-High or Active-Low Version
* Reverse Current is Not Generated when in Power Off State
* Deglitched Open-Drain Over-Current Flag Output ( OC )
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
US3075XL-S08-R
US3075XG-S08-R
SOP-8
Tape Reel
US3175XL-S08-R
US3175XG-S08-R
SOP-8
Tape Reel
US3275XL-S08-R
US3275XG-S08-R
SOP-8
Tape Reel
US3375XL-S08-R
US3375XG-S08-R
SOP-8
Tape Reel


Similar Part No. - US3175XL-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US3175HG-P08-R UTC-US3175HG-P08-R Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
US3175HG-S08-R UTC-US3175HG-S08-R Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
US3175HG-SM1-R UTC-US3175HG-SM1-R Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
US3175LG-P08-R UTC-US3175LG-P08-R Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
US3175LG-S08-R UTC-US3175LG-S08-R Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
More results

Similar Description - US3175XL-S08-R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
Quad Power Distribution Switch Quad Power Distribution Switch
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G548S GMT-G548S Datasheet
123Kb / 1P
Power Distribution Switch
G543 GMT-G543 Datasheet
55Kb / 1P
Power Distribution Switch
G5250 GMT-G5250 Datasheet
90Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_17 Datasheet
636Kb / 10P
POWER DISTRIBUTION SWITCH
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
Power Distribution Switch
logo
Global Mixed-mode Techn...
G524A GMT-G524A_V01 Datasheet
2Mb / 19P
Power Distribution Switch
Ver: 0.94 Aug 02, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com