Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMN03T80IS Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SMN03T80IS
Description  SWITCHING REGULATOR APPLICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SMN03T80IS Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SMN03T80IS Datasheet HTML 1Page - KODENSHI_AUK CORP. SMN03T80IS Datasheet HTML 2Page - KODENSHI_AUK CORP. SMN03T80IS Datasheet HTML 3Page - KODENSHI_AUK CORP. SMN03T80IS Datasheet HTML 4Page - KODENSHI_AUK CORP. SMN03T80IS Datasheet HTML 5Page - KODENSHI_AUK CORP. SMN03T80IS Datasheet HTML 6Page - KODENSHI_AUK CORP. SMN03T80IS Datasheet HTML 7Page - KODENSHI_AUK CORP. SMN03T80IS Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. date: 16-AUG-11
KSD-T6Q010-000
www.auk.co.kr
1 of 8
SMN03T80IS
Advanced N-Ch Power MOSFET
SWITCHING REGULATOR APPLICATION
Features
 BVDSS=800V Min.
 Low gate charge: Qg=19nC (Typ.)
 Low drain-source On resistance: RDS(on)=4.2Ω (Max.)
 RoHS compliant device
 100% avalanche tested
Ordering Information
Part Number
Marking
Package
SMN03T80IS
SMN03T80
I-PAK
(Short Lead)
Marking Information
Absolute maximum ratings (T
C=25C unless otherwise noted)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
800
V
Gate-source voltage
VGSS
30
V
Drain current (DC)
*
ID
Tc=25C
3
A
Tc=100C
1.83
A
Drain current (Pulsed)
*
IDM
12
A
Single pulsed avalanche energy
(Note 2)
EAS
200
mJ
Repetitive avalanche current
(Note 1)
IAR
3
A
Repetitive avalanche energy
(Note 1)
EAR
7
mJ
Power dissipation
PD
70
W
Peak diode recovery dv/dt
(Note 3)
dv/dt
4.5
V/ns
Junction temperature
TJ
150
C
Storage temperature range
Tstg
-55~150
C
* Limited only maximum junction temperature
Column 1, 2: Device Code
Column 3: Production Information
e.g.) YWW
-. YWW: Date Code (year, week)
SMN
03T80
YWW
I-PAK
G D S


Similar Part No. - SMN03T80IS

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMN03T80F KODENSHI-SMN03T80F Datasheet
418Kb / 8P
SWITCHING REGULATOR APPLICATION
logo
VBsemi Electronics Co.,...
SMN03T80F VBSEMI-SMN03T80F Datasheet
2Mb / 9P
Power MOSFET
More results

Similar Description - SMN03T80IS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
190Kb / 6P
Switching Regulator Application
TK70D06J1 TOSHIBA-TK70D06J1_09 Datasheet
224Kb / 6P
Switching Regulator Application
logo
KODENSHI_AUK CORP.
SMK1360FD KODENSHI-SMK1360FD Datasheet
347Kb / 8P
SWITCHING REGULATOR APPLICATION
SMN0250F KODENSHI-SMN0250F Datasheet
350Kb / 8P
SWITCHING REGULATOR APPLICATION
SMK0990CI KODENSHI-SMK0990CI Datasheet
263Kb / 8P
SWITCHING REGULATOR APPLICATION
SMK0825FZ KODENSHI-SMK0825FZ Datasheet
324Kb / 8P
SWITCHING REGULATOR APPLICATION
logo
First Silicon Co., Ltd
MJE13003 FS-MJE13003 Datasheet
103Kb / 2P
SWITCHING REGULATOR APPLICATION.
MJE13003A FS-MJE13003A Datasheet
191Kb / 2P
SWITCHING REGULATOR APPLICATION.
MJE13003D FS-MJE13003D Datasheet
339Kb / 2P
SWITCHING REGULATOR APPLICATION.
MJE13003I FS-MJE13003I Datasheet
211Kb / 2P
SWITCHING REGULATOR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com