Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN7809PI Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SN7809PI
Description  3 Terminal 1A Positive Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN7809PI Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SN7809PI Datasheet HTML 1Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 2Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 3Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 4Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 5Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 6Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 7Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 8Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
KSD-I0O008-004
2
Jan. 2010 REV. 04
Product Name
VOUT
Operating
Temperature
Package
SN7805D
5.0V
-40~125℃
TO-252-3L
SN7806D
6.0V
-40~125℃
TO-252-3L
SN7808D
8.0V
-40~125℃
TO-252-3L
SN7809D
9.0V
-40~125℃
TO-252-3L
SN7810D
10V
-40~125℃
TO-252-3L
SN7812D
12V
-40~125℃
TO-252-3L
SN7815D
15V
-40~125℃
TO-252-3L
SN7818D
18V
-40~125℃
TO-252-3L
SN7824D
24V
-40~125℃
TO-252-3L
SN7805PI
5.0V
-40~125℃
TO-220F-3L
SN7806PI
6.0V
-40~125℃
TO-220F-3L
SN7808PI
8.0V
-40~125℃
TO-220F-3L
SN7809PI
9.0V
-40~125℃
TO-220F-3L
SN7810PI
10V
-40~125℃
TO-220F-3L
SN7812PI
12V
-40~125℃
TO-220F-3L
SN7815PI
15V
-40~125℃
TO-220F-3L
SN7818PI
18V
-40~125℃
TO-220F-3L
SN7824PI
24V
-40~125℃
TO-220F-3L
◈
Pin Configuration
◈
Product Line-up
TO-252-3L
1: VIN
2: GND
3: VOUT
4: GND
2
1
3
4
1
2
3
TO-220F-3L
1: VIN
2: GND
3: VOUT
SN78xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com