Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN7908PI Datasheet(PDF) 9 Page - KODENSHI_AUK CORP.

Part # SN7908PI
Description  3 Terminal 1A Negative Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN7908PI Datasheet(HTML) 9 Page - KODENSHI_AUK CORP.

Back Button SN7908PI Datasheet HTML 5Page - KODENSHI_AUK CORP. SN7908PI Datasheet HTML 6Page - KODENSHI_AUK CORP. SN7908PI Datasheet HTML 7Page - KODENSHI_AUK CORP. SN7908PI Datasheet HTML 8Page - KODENSHI_AUK CORP. SN7908PI Datasheet HTML 9Page - KODENSHI_AUK CORP. SN7908PI Datasheet HTML 10Page - KODENSHI_AUK CORP. SN7908PI Datasheet HTML 11Page - KODENSHI_AUK CORP. SN7908PI Datasheet HTML 12Page - KODENSHI_AUK CORP. SN7908PI Datasheet HTML 13Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
KSD-I0O011-002
9
Jan. 2011 REV. 02
( VIN=-19V, CIN = 2.2uF, COUT = 1.0uF, IOUT = 500mA, TJ=0 ~125
℃℃
; unless otherwise specified )
Characteristic
Symbol
Test Condition*
SN7812x
Unit
Min.
Typ.
Max.
Output Voltage**
VO
TJ =25℃
-11.5
-12.0
-12.5
V
-15.5V ≤ VIN ≤ -27.0V
5.0mA ≤ IO ≤ 1.0A, PD ≤ 15W
-11.4
-12.0
-12.6
Line Regulation
VO(△VI)
-14.5V ≤ VIN ≤ -30.0V
TJ =25℃
-
12.0
240
mV
-16.0V ≤ VIN ≤ -22.0V
-
6.0
120
Load Regulation
VO(△IL)
5.0mA ≤ IO ≤ 1.5A
TJ =25℃
-
12.0
240
mV
250mA ≤ IO ≤ 750mA
-
4.0
120
Quiescent Current
IQC
TJ =25℃
-
3.0
6.0
mA
Quiescent Current Change
∆IQC
-14.5V ≤ VIN ≤ -30.0V
-
0.1
1.0
mA
5.0mA ≤ IO ≤ 1.0A
-
0.05
0.5
Ripple Rejection
RR
-15.0V ≤ VIN ≤ -25.0V
f=120Hz
54
64
-
dB
Dropout Voltage
VDROP
IO=1.0A
TJ =25℃
-
2.0
-
V
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
TA =25℃
-
200
-
uV/ VO
Short Circuit Current
ISC
VI =-35V
TA =25℃
-
300
-
mA
Peak Output Current
IPK
TJ =25℃
-
2.2
-
A
Temperature coefficient of
Output voltage
△VO/
△Temp
IO=5.0mA
-
-0.8
-
mV/
°C
* Pulse testing techniques are used to maintain the junction temperature as close to the ambient
temperature as possible. Thermal effects must be taken into separately.
** This specification applies only for dc power dissipation permitted by absolute maximum ratings.
SN79xxx
◈ Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com