Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC237BG. Datasheet(PDF) 3 Page - ON Semiconductor

Part # BC237BG.
Description  Amplifier Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC237BG. Datasheet(HTML) 3 Page - ON Semiconductor

  BC237BG. Datasheet HTML 1Page - ON Semiconductor BC237BG. Datasheet HTML 2Page - ON Semiconductor BC237BG. Datasheet HTML 3Page - ON Semiconductor BC237BG. Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC237B
http://onsemi.com
3
2.0
1.5
1.0
0.2
0.3
0.4
0.6
0.8
200
0.2
0.5
1.0
2.0
5.0
10
20
50
100
IC, COLLECTOR CURRENT (mAdc)
Figure 1. Normalized DC Current Gain
VCE = 10 V
TA = 25°C
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.2
0.1
0.3 0.5 0.7 1.0
2.0 3.0 5.0 7.0 10
20 30 50 70 100
IC, COLLECTOR CURRENT (mAdc)
Figure 2. “Saturation” and “On” Voltages
TA = 25°C
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = 10 V
VCE(sat) @ IC/IB = 10
400
20
30
40
60
80
100
200
300
0.5
1.0
0.7
2.0 3.0
5.0 7.0 10
20
30
50
IC, COLLECTOR CURRENT (mAdc)
Figure 3. Current−Gain — Bandwidth Product
10
1.0
2.0
3.0
5.0
7.0
0.4 0.6 0.8 1.0
2.0
4.0
6.0 8.0 10
20
40
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitances
VCE = 10 V
TA = 25°C
TA = 25°C
Cib
Cob
170
160
150
140
130
120
10
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
IC, COLLECTOR CURRENT (mAdc)
Figure 5. Base Spreading Resistance
VCE = 10 V
f = 1.0 kHz
TA = 25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com